Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 60 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments LM5145 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
The WEBENCH Power Designer gives a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
13.2 Documentation Support
13.2.1 Related Documentation
For related documentation see the following:
• User's Guides:
– LM5143-Q1 Synchronous Buck Controller EVM
– LM5140-Q1 Synchronous Buck Controller High Density EVM
– LM5141-Q1 Synchronous Buck Controller EVM
– LM5146-Q1 EVM User's Guide
– LM5145 EVM User's Guide
• Application Reports:
– LM5143-Q1 Synchronous Buck Controller High-Density 4-Phase Design
– AN-2162 Simple Success with Conducted EMI from DC-DC Converters
– Maintaining Output Voltage Regulation During Automotive Cold-Crank with LM5140-Q1 Dual Synchronous
Buck Controller
• Technical Briefs:
– Reduce Buck Converter EMI and Voltage Stress by Minimizing Inductive Parasitics
– EMI Filter Components And Their Nonidealities For Automotive DC/DC Regulators
• White Papers:
– An Overview of Conducted EMI Specifications for Power Supplies
– An Overview of Radiated EMI Specifications for Power Supplies
– Valuing Wide VIN, Low EMI Synchronous Buck Circuits for Cost-driven, Demanding Applications
– Time-Saving and Cost-Effective Innovations for EMI Reduction in Power Supplies
• E-Book:
– An Engineer's Guide To EMI In DC/DC Regulators
13.2.1.1 PCB Layout Resources
• Application Reports:
– Improve High-current DC/DC Regulator Performance for Free with Optimized Power Stage Layout
– AN-1149 Layout Guidelines for Switching Power Supplies
– Low Radiated EMI Layout Made SIMPLE with LM4360x and LM4600x
• Seminars:
– Constructing Your Power Supply – Layout Considerations
13.2.1.2 Thermal Design Resources
• Application Reports:
– AN-2020 Thermal Design by Insight, Not Hindsight
– AN-1520 A Guide to Board Layout for Best Thermal Resistance for Exposed Pad Packages
– Semiconductor and IC Package Thermal Metrics
– Thermal Design Made Simple with LM43603 and LM43602
– PowerPAD™Thermally Enhanced Package
– PowerPAD Made Easy
– Using New Thermal Metrics
LM25143
SNVSC10 – MARCH 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com