Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
The ESR of a capacitor is provided in the manufacturer’s data sheet either explicitly as a specification or
implicitly in the impedance versus frequency curve. Depending on type, size, and construction, electrolytic
capacitors have significant ESR, 5 mΩ and above, and relatively large ESL, 5 nH to 20 nH. PCB traces
contribute some parasitic resistance and inductance as well. Ceramic output capacitors, on the other hand, have
low ESR and ESL contributions at the switching frequency, and the capacitive impedance component dominates.
However, depending on the package and voltage rating of the ceramic capacitor, the effective capacitance can
drop quite significantly with applied DC voltage and operating temperature.
Ignoring the ESR term in Equation 17 gives a quick estimation of the minimum ceramic capacitance necessary
to meet the output ripple specification. Two to four 47-µF, 10-V, X7R capacitors in 1206 or 1210 footprint is a
common choice for a 5-V output. Use Equation 18 to determine if additional capacitance is necessary to meet
the load-off transient overshoot specification.
A composite implementation of ceramic and electrolytic capacitors highlights the rationale for paralleling
capacitors of dissimilar chemistries yet complementary performance. The frequency response of each capacitor
is accretive in that each capacitor provides desirable performance over a certain portion of the frequency range.
While the ceramic provides excellent mid-frequency and high-frequency decoupling characteristics with its low
ESR and ESL to minimize the switching frequency output ripple, the electrolytic device with its large bulk
capacitance provides low-frequency energy storage to cope with load transient demands.
10.1.1.3 Input Capacitors
Input capacitors are necessary to limit the input ripple voltage to the buck power stage due to switching-
frequency AC currents. TI recommends using X7S or X7R dielectric ceramic capacitors to provide low
impedance and high RMS current rating over a wide temperature range. To minimize the parasitic inductance
in the switching loop, position the input capacitors as close as possible to the drain of the high-side MOSFET
and the source of the low-side MOSFET. Use Equation 19 to calculate the input capacitor RMS current for a
single-channel buck regulator.
2
2
L
CIN,rms
OUT
I
I
D
I
1 D
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
(19)
The highest input capacitor RMS current occurs at D = 0.5, at which point the RMS current rating of the input
capacitors is greater than half the output current.
Ideally, the DC component of input current is provided by the input voltage source and the AC component by the
input filter capacitors. Neglecting inductor ripple current, the input capacitors source current of amplitude (IOUT −
IIN) during the D interval and sink IIN during the 1−D interval. Thus, the input capacitors conduct a square-wave
current of peak-to-peak amplitude equal to the output current. It follows that the resultant capacitive component
of AC ripple voltage is a triangular waveform. Together with the ESR-related ripple component, use Equation 20
to calculate the peak-to-peak ripple voltage amplitude.
OUT
IN
OUT
ESR
SW
IN
I
D
1
D
V
I
R
F
C
˜
˜
'
˜
˜
(20)
Use Equation 21 to calculate the input capacitance required for a particular load current, based on an input
voltage ripple specification of ΔVIN.
OUT
IN
SW
IN
ESR
OUT
D
1 D
I
C
F
V
R
I
˜
˜
t
˜ '
˜
(21)
Low-ESR ceramic capacitors can be placed in parallel with higher valued bulk capacitance to provide optimized
input filtering for the regulator and damping to mitigate the effects of input parasitic inductance resonating
with high-Q ceramics. One bulk capacitor of sufficiently high current rating and four 10-μF 50-V X7R ceramic
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com