Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
• The PCB trace defined as SW node, which connects to the source of the high-side (control) MOSFET, the
drain of the low-side (synchronous) MOSFET and the high-voltage side of the inductor, must be short and
wide. However, the SW connection is a source of injected EMI and thus must not be too large.
• Follow any layout considerations of the MOSFETs as recommended by the MOSFET manufacturer, including
pad geometry and solder paste stencil design.
• The SW pin connects to the switch node of the power conversion stage and acts as the return path for the
high-side gate driver. The parasitic inductance inherent to loop 1 in Figure 12-1 and the output capacitance
(COSS) of both power MOSFETs form a resonant circuit that induces high frequency (greater than 50 MHz)
ringing at the SW node. The voltage peak of this ringing, if not controlled, can be significantly higher than
the input voltage. Make sure that the peak ringing amplitude does not exceed the absolute maximum rating
limit for the SW pin. In many cases, a series resistor and capacitor snubber network connected from the SW
node to GND damps the ringing and decreases the peak amplitude. Provide provisions for snubber network
components in the PCB layout. If testing reveals that the ringing amplitude at the SW pin is excessive, then
include snubber components as needed.
12.1.2 Gate-Drive Layout
The LM25143 high-side and low-side gate drivers incorporate short propagation delays, adaptive dead-time
control, and low-impedance output stages capable of delivering large peak currents with very fast rise and
fall times to facilitate rapid turn-on and turn-off transitions of the power MOSFETs. Very high di/dt can cause
unacceptable ringing if the trace lengths and impedances are not well controlled.
Minimization of stray or parasitic gate loop inductance is key to optimizing gate drive switching performance,
whether it be series gate inductance that resonates with MOSFET gate capacitance or common source
inductance (common to gate and power loops) that provides a negative feedback component opposing the
gate drive command, thereby increasing MOSFET switching times. The following loops are important:
• Loop 2: high-side MOSFET, Q1. During the high-side MOSFET turn-on, high current flows from the bootstrap
(boot) capacitor through the gate driver and high-side MOSFET, and back to the negative terminal of the boot
capacitor through the SW connection. Conversely, to turn off the high-side MOSFET, high current flows from
the gate of the high-side MOSFET through the gate driver and SW, and back to the source of the high-side
MOSFET through the SW trace. Refer to loop 2 of Figure 12-1.
• Loop 3: low-side MOSFET, Q2. During the low-side MOSFET turn-on, high current flows from the VCC
decoupling capacitor through the gate driver and low-side MOSFET, and back to the negative terminal of the
capacitor through ground. Conversely, to turn off the low-side MOSFET, high current flows from the gate of
the low-side MOSFET through the gate driver and GND, and back to the source of the low-side MOSFET
through ground. Refer to loop 3 of Figure 12-1.
TI strongly recommends following circuit layout guidelines when designing with high-speed MOSFET gate drive
circuits.
• Connections from gate driver outputs, HO1/2, HOL1/2, LO1/2, and LOL1/2 to the respective gates of the
high-side or low-side MOSFETs must be as short as possible to reduce series parasitic inductance. Be aware
that peak gate drive currents can be as high as 4.25 A. Use 0.65-mm (25 mils) or wider traces. Use via or
vias, if necessary, of at least 0.5-mm (20 mils) diameter along these traces. Route HO and SW gate traces as
a differential pair from the LM25143 to the high-side MOSFET, taking advantage of flux cancellation.
• Minimize the current loop path from the VCC and HB pins through their respective capacitors as these
provide the high instantaneous current, up to 4.25 A, to charge the MOSFET gate capacitances. Specifically,
locate the bootstrap capacitor, CBST, close to the HB and SW pins of the LM25143 to minimize the area of
loop 2 associated with the high-side driver. Similarly, locate the VCC capacitor, CVCC, close to the VCC and
PGND pins of the LM25143 to minimize the area of loop 3 associated with the low-side driver.
12.1.3 PWM Controller Layout
With the provision to locate the controller as close as possible to the power MOSFETs to minimize gate driver
trace runs, the components related to the analog and feedback signals as well as current sensing are considered
in the following:
• Separate power and signal traces, and use a ground plane to provide noise shielding.
• Place all sensitive analog traces and components related to COMP1/2, FB1/2, CS1/2, SS1/2, RES, and RT
away from high-voltage switching nodes such as SW1/2, HO1/2, LO1/2, or HB1/2 to avoid mutual coupling.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com