Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
13 Device and Documentation Support
13.1 Device Support
13.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
13.1.2 Development Support
With an input operating voltage as low as 3.5 V and up to 100 V as specified in Table 13-1, the LM(2)514x
family of synchronous buck controllers from TI provides scalability and optimized solution size for a range of
applications. These controllers enable DC/DC solutions with high density, low EMI and increased flexibility.
Available EMI mitigation features include dual-random spread spectrum (DRSS) or triangular spread spectrum
(TRSS), split gate driver outputs for slew rate (SR) control, and integrated active EMI filtering (AEF).
Table 13-1. Synchronous Buck DC/DC Controller Family
DC/DC
Controller
Single or
Dual
VIN Range
Control Method
Gate Drive
Voltage
Sync Output
EMI Mitigation
LM25141
Single
3.8 V to 42 V
Peak current mode
5 V
N/A
SR control, TRSS
LM25143
Dual
3.5 V to 42 V
Peak current mode
5 V
90° phase shift
SR control, TRSS
LM25145
Single
6 V to 42 V
Voltage mode
7.5 V
180° phase shift
N/A
LM25148
Single
3.5 V to 42 V
Peak current mode
5 V
180° phase shift
DRSS
LM25149
Single
3.5 V to 42 V
Peak current mode
5 V
180° phase shift
DRSS, AEF
LM5141
Single
3.8 V to 65 V
Peak current mode
5 V
N/A
SR control, TRSS
LM5143
Dual
3.5 V to 65 V
Peak current mode
5 V
90° phase shift
SR control, TRSS
LM5145
Single
6 V to 75 V
Voltage mode
7.5 V
180° phase shift
N/A
LM5146
Single
5.5 V to 100 V
Voltage mode
7.5 V
180° phase shift
N/A
LM5148
Single
3.5 V to 80 V
Peak current mode
5 V
180° phase shift
DRSS
LM5149
Single
3.5 V to 80 V
Peak current mode
5 V
180° phase shift
DRSS, AEF
For development support, see the following:
• LM25143 Quickstart Calculator
• LM25143 Simulation Models
• TI Reference Design Library
• WEBENCH® Design Center
• To design a low-EMI power supply, review TI's comprehensive EMI Training Series
• TI Designs:
– Automotive wide VIN front-end reference design for digital cockpit processing units
• Technical Articles:
– High-density PCB layout of DC/DC converters
– Synchronous buck controller solutions support wide VIN performance and flexibility
– How to use slew rate for EMI control
– How to reduce EMI and shrink power-supply size with an integrated active EMI filter
13.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM25143 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com