Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
12.2 Layout Example
Based on the LM5143-Q1EVM-2100 design, Figure 12-2 shows a single-sided layout of a dual-output
synchronous buck regulator. Each power stage is surrounded by a GND pad geometry to connect an EMI
shield if needed. The design uses layer 2 of the PCB as a power-loop return path directly underneath the top
layer to create a low-area switching power loop of approximately 2 mm². This loop area, and hence parasitic
inductance, must be as small as possible to minimize EMI as well as switch-node voltage overshoot and ringing.
Refer to the LM5143-Q1EVM-2100 Evaluation Module User's Guide for more detail.
Locate the controller close to the power stage ±
keep gate drive traces short and direct
Use paralleled 0603
input capacitors close
to the FETs for VIN to
PGND decoupling
EMI S-filter with
electroytic cap for
parallel admping
VOUT
VIN
GND
GND
GND pad
geometry for EMI
shield connection
Copper island
connected to AGND pin
Keep the VCC and
BOOT caps close to
their respective pins
Optional jumper to connect VOUT1 and
VOUT2 for a 2-phase implementation
Figure 12-2. PCB Top Layer
As shown in Figure 12-3, the high-frequency power loop current of one channel flows through MOSFETs Q2
and Q4, through the power ground plane on layer 2, and back to VIN through the 0603 ceramic capacitors
C16 through C19. The currents flowing in opposing directions in the vertical loop configuration provide field
self-cancellation, reducing parasitic inductance. Figure 12-4 shows a side view to illustrate the concept of
creating a low-profile, self-canceling loop in a multilayer PCB structure. The layer-2 GND plane layer, shown in
Figure 12-3, provides a tightly-coupled current return path directly under the MOSFETs to the source terminals of
Q2.
Four 10-nF input capacitors with small 0402 or 0603 case size are placed in parallel very close to the drain
of each high-side MOSFET. The low equivalent series inductance (ESL) and high self-resonant frequency
(SRF) of the small footprint capacitors yield excellent high-frequency performance. The negative terminals of
these capacitors are connected to the layer-2 GND plane with multiple 12-mil (0.3-mm) diameter vias, further
minimizing parasitic loop inductance.
Additional steps used in this layout example include:
• Keep the SW connection from the power MOSFETs to the inductor (for each channel) at minimum copper
area to reduce radiated EMI.
• Locate the controller close to the gate terminals of the MOSFETs such that the gate drive traces are routed
short and direct.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com