Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
11 Power Supply Recommendations
The LM25143 buck controller is designed to operate over a wide input voltage range of 3.5 V to 42 V. The
characteristics of the input supply must be compatible with the Absolute Maxmimum Ratings and Recommended
Operating Conditions. In addition, the input supply must be capable of delivering the required input current to the
fully-loaded regulator. Use Equation 46 to estimate the average input current.
OUT
IN
IN
P
I
V
K
˜
(46)
where
• η is the efficiency.
If the regulator is connected to an input supply through long wires or PCB traces with a large impedance,
take special care to achieve stable performance. The parasitic inductance and resistance of the input cables
may have an adverse effect on regulator operation. The parasitic inductance in combination with the low-ESR
ceramic input capacitors form an underdamped resonant circuit. This circuit can cause overvoltage transients
at VIN each time the input supply is cycled ON and OFF. The parasitic resistance causes the input voltage to
dip during a load transient. The best way to solve such issues is to reduce the distance from the input supply
to the regulator and use an aluminum or tantalum input capacitor in parallel with the ceramics. The moderate
ESR of the electrolytic capacitors helps to damp the input resonant circuit and reduce any voltage overshoots.
A capacitance in the range of 10 µF to 47 µF is usually sufficient to provide parallel input damping and helps to
hold the input voltage steady during large load transients.
An EMI input filter is often used in front of the regulator that, unless carefully designed, can lead to instability as
well as some of the affects mentioned above. The Simple Success with Conducted EMI for DC-DC Converters
Application Report provides helpful suggestions when designing an input filter for any switching regulator.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com