Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The LM25143 is a synchronous buck controller used to convert a higher input voltage to two lower output
voltages. The following sections discuss the design procedure for a dual-output implementation using a specific
circuit design example. To expedite and streamline the process of designing of a LM25143-based regulator, a
comprehensive LM25143 Quickstart Calculator is available for download to assist the designer with component
selection for a given application.
10.1.1 Power Train Components
A comprehensive understanding of the buck regulator power train components is critical to successfully
completing a synchronous buck regulator design. The subsequent subsections discuss the following:
• Output inductor
• Input and output capacitors
• Power MOSFETs
• EMI input filter
10.1.1.1 Buck Inductor
For most applications, choose a buck inductance such that the inductor ripple current, ΔIL, is between 30% to
50% of the maximum DC output current at nominal input voltage. Choose the inductance using Equation 15
based on a peak inductor current given by Equation 16.
OUT
OUT
O
L
SW
IN
V
V
L
1
I
F
V
§
·
˜ ¨
¸
' ˜
©
¹
(15)
L
L(peak)
OUT
I
I
I
2
'
(16)
Check the inductor data sheet to make sure that the saturation current of the inductor is well above the peak
inductor current of a particular design. Ferrite designs have very low core loss and are preferred at high
switching frequencies, so design goals can then concentrate on copper loss and preventing saturation. Low
inductor core loss is evidenced by reduced no-load input current and higher light-load efficiency. However, ferrite
core materials exhibit a hard saturation characteristic and the inductance collapses abruptly when the saturation
current is exceeded. This results in an abrupt increase in inductor ripple current and higher output voltage ripple,
not to mention reduced efficiency and compromised reliability. Note that the saturation current of an inductor
generally decreases as its core temperature increases. Of course, accurate overcurrent protection is key to
avoiding inductor saturation.
10.1.1.2 Output Capacitors
Ordinarily, the output capacitor energy store of the regulator combined with the control loop response are
prescribed to maintain the integrity of the output voltage within the dynamic (transient) tolerance specifications.
The usual boundaries restricting the output capacitor in power management applications are driven by finite
available PCB area, component footprint and profile, and cost. The capacitor parasitics – equivalent series
resistance (ESR) and equivalent series inductance (ESL) – take greater precedence in shaping the load
transient response of the regulator as the load step amplitude and slew rate increase.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com