Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
4. Use Equation 40 to calculate the output capacitor RMS ripple current using and verify that the ripple current
is within the capacitor ripple current rating.
LO1
CO1(RMS)
LO2
CO2(RMS)
I
1.89 A
I
0.55 A
12
12
I
2.53 A
I
0.73 A
12
12
'
'
(40)
10.2.1.2.6 Input Capacitors
A power supply input typically has a relatively high source impedance at the switching frequency. Good-quality
input capacitors are necessary to limit the input ripple voltage. As mentioned earlier, dual-channel interleaved
operation significantly reduces the input ripple amplitude. In general, the ripple current splits between the input
capacitors based on the relative impedance of the capacitors at the switching frequency.
1. Select the input capacitors with sufficient voltage and RMS ripple current ratings.
2. Worst case input ripple for a two-channel buck regulator typically corresponds to when one channel operates
at full load and the other channel is disabled or operates at no load. Use Equation 41 to calculate the input
capacitor RMS ripple current assuming a worst-case duty-cycle operating point of 50%.
CIN(RMS)
OUT1
I
I
D 1 D
7 A
0.5 1 0.5
3.5 A
˜
˜
˜
˜
(41)
3. Use Equation 42 to find the required input capacitance.
OUT1
IN
SW
IN
ESR
OUT1
D
1 D
I
0.5
1
0.5
7 A
C
7.8 )
F
V
R
I
2.1MHz
120mV
2m
7 A
˜
˜
˜
˜
t
˜ '
˜
˜
: ˜
(42)
where
• ΔVIN is the input peak-to-peak ripple voltage specification.
• RESR is the input capacitor ESR.
4. Recognizing the voltage coefficient of ceramic capacitors, select two 10-µF, 50-V, X7R, 1210 ceramic input
capacitors for each channel. Place these capacitors adjacent to the relevant power MOSFETs.
5. Use four 10-nF, 50-V, X7R, 0603 ceramic capacitors near each high-side MOSFET to supply the high di/dt
current during MOSFET switching transitions. Such capacitors offer high self-resonant frequency (SRF)
and low effective impedance above 100 MHz. The result is lower power loop parasitic inductance, thus
minimizing switch-node voltage overshoot and ringing for lower EMI signature. Refer to Figure 12-2 in
Section 12.1 for more detail.
10.2.1.2.7 Compensation Components
Choose compensation components for a stable control loop using the procedure outlined as follows.
1. Based on a specified open-loop gain crossover frequency, fC, of 60 kHz, use Equation 43 to calculate
RCOMP1, assuming an effective output capacitance of 130 µF. Select RCOMP1 of 20 kΩ.
OUT
S
CS
COMP1
C
OUT
REF
m
V
R
G
3.3 V 7m
12
R
2
f
C
2
60kHz
130 )
N
V
g
0.6 V 1200 6
S
S
˜
: ˜
˜
˜
˜
˜
˜
˜
˜
˜
˜
˜
:
(43)
2. Calculate CCOMP1 to create a zero at the higher of (1) one tenth of the crossover frequency, or (2) the load
pole. Select a CCOMP1 capacitor of 1 nF.
COMP1
C
COMP1
10
10
C
1.3nF
2
f
R
2
60 kHz 20 k
S
S
˜
˜
˜
˜
˜
˜
:
(44)
LM25143
SNVSC10 – MARCH 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com