Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted), typical values
correspond to TJ = 25℃, VVIN = 12 V, VVCCX = 5 V, VVOUT1 = 3.3 V, VVOUT2 = 5 V, VEN1 = VEN2 = 5 V, RRT = 10 kΩ, FSW = 2.2
MHz, no load on the drive outputs (HO1, HOL1, LO1, LOL1, HO2, HOL2, LO2, and LOL2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICOMP-
SECOND
COMP leakage, secondary mode
VCOMP = 1 V, MODE = FB2 = VDDA
10
nA
ICOMP-INTLV
COMP2 leakage, interleaved mode
VCOMP = 1 V, MODE = VDDA, VFB2 = 0 V
10
nA
ICOMP-SRC1
EA source current
VCOMP = 1 V, VFB = 0.4 V, VMODE = 0 V
190
µA
ICOMP-SINK1
EA sink current
VCOMP = 1 V, VFB = 0.8 V, VMODE = 0 V
160
µA
ICOMP-SRC2
EA source current, ultra-low IQ mode
VCOMP = 1 V, VFB = 0.4 V,
RMODE = 10 kΩ to AGND
10
µA
ICOMP-SINK2
EA sink current, ultra-low IQ mode
VCOMP = 1 V, VFB = 0.8 V,
RMODE = 10 kΩ to AGND
12
µA
VSS-OFFSET
EA SS offset with VFB = 0 V
Raise VSS until VCOMP > 300 mV
36
mV
ADAPTIVE DEADTIME CONTROL
VGS-DET
VGS detection threshold
VGS falling, no load
2.1
V
tDEAD1
HO off to LO on dead time
22
ns
tDEAD2
LO off to HO on dead time
20
ns
DIODE EMULATION (DEMB)
VDEMB-LOW
DEMB input low threshold
0.8
V
VDEMB_Rising DEMB input high threshold
2
V
VZC-SW
Zero-cross threshold
VDEMB = 0 V
–7
mV
VZC-SS
Zero-cross threshold soft start
DEMB = VDDA,
50 SW cycles after first HO pulse
–6.1
mV
VZC-DIS
Zero-cross threshold disabled
DEMB = VDDA,
1000 SW cycles after first HO pulse
210
mV
ENABLE (EN1, EN2)
VEN-LOW
EN1/2 low threshold
VVCCX = 0 V
0.8
V
VEN-HIGH-TH
EN1/2 high threshold
VVCCX = 0 V
2
V
IEN-LEAK
EN1/2 leakage currernt
EN1, EN2 logic inputs only
0.05
µA
SWITCHING FREQUENCY (RT)
VRT
RT regulation voltage
10 kΩ < RRT < 220 kΩ
0.8
V
MODE
RMODE-HIGH
Resistance to AGND for ultra-low IQ
5
kΩ
RMODE-LOW
Resistance to AGND for normal IQ
0.5
kΩ
VMODE-LOW
Non-interleaved mode input low
threshold
0.8
V
VMODE-HIGH
Interleaved mode input high
threshold
2
V
SYNCHRONIZATION INPUT (SYNCIN)
VDEMB-LOW
DEMB input low threshold
0.8
V
VDEMB-HIGH
DEMB input high threshold
2
V
tSYNC-MIN
DEMB minimum pulse width
VMODE = 0 V or RMODE = 10 kΩ
20
250
ns
FSYNCIN
External SYNC frequency range
VIN = 8 V to 18 V, % of the nominal frequency
set by RRT
–20%
20%
tSYNCIN-HO1
Delay from DEMB rising to HO1
rising edge
120
ns
tSYNCIN-
SECOND
Delay from DEMB falling edge to
HO2 rising edge
Secondary mode, MODE = FB2 = VDDA
100
ns
tDEMB-FILTER
Delay from DEMB low to diode
emulation enable
VMODE = 0 V or RMODE = 10 kΩ
15
50
µs
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com