Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
• The input filter inductance, LIN, is usually selected between 1 μH and 10 μH, but it can be lower to reduce
losses in a high-current design.
• Calculate input filter capacitance, CF.
• Calculate damping capacitance, CD, and damping resistance, RD.
By calculating the first harmonic current from the Fourier series of the input current waveform and multiplying it
by the input impedance (the impedance is defined by the existing input capacitor CIN), a formula is derived to
obtain the required attenuation as shown by Equation 23.
S
S
§
·
¨
¸
˜
˜
˜
¨
¸
˜
˜
©
¹
L(PEAK)
MAX
MAX
2
SW
IN
I
1
Attn
20log
sin
D
V
1 9
F
C
(23)
where
• VMAX is the allowed dBμV noise level for the applicable conducted EMI specification (for example, CISPR 25
Class 5).
• CIN is the existing input capacitance of the buck regulator.
• DMAX is the maximum duty cycle.
• IPEAK is the peak inductor current.
For filter design purposes, the current at the input can be modeled as a square-wave. Determine the EMI filter
capacitance CF from Equation 24.
2
Attn
40
F
IN
SW
1
10
C
L
2
F
S
§
·
¨
¸
¨
¸
˜
¨
¸
¨
¸
©
¹
(24)
Adding an input filter to a switching regulator modifies the control-to-output transfer function. The output
impedance of the filter must be sufficiently small such that the input filter does not significantly affect the loop
gain of the buck converter. The impedance peaks at the filter resonant frequency. Use Equation 25 to calculate
the resonant frequency of the filter.
res
IN
F
1
f
2
L
C
S ˜
˜
(25)
The purpose of RD is to reduce the peak output impedance of the filter at its resonant frequency. Capacitor CD
blocks the DC component of the input voltage to avoid excessive power dissipation in RD. Capacitor CD must
have lower impedance than RD at the resonant frequency with a capacitance value greater than that of the input
capacitor CIN. This prevents CIN from interfering with the cutoff frequency of the main filter. Added damping is
needed when the output impedance of the filter is high at the resonant frequency (Q of the filter formed by LIN
and CIN is too high). An electrolytic capacitor CD can be used for damping with a value given by Equation 26.
D
IN
C
4 C
t
˜
(26)
Use Equation 27 to select the damping resistor RD.
IN
D
IN
L
R
C
(27)
LM25143
SNVSC10 – MARCH 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com