Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
Use internal layer or layers as ground plane or planes. Pay particular attention to shielding the feedback (FB)
trace from power traces and components.
• Locate the upper and lower feedback resistors (if required) close to the respective FB pins, keeping the FB
traces as short as possible. Route the trace from the upper feedback resistor or resistors to the required
output voltage sense point or points at the load or loads.
• Route the CS1/2 and VOUT1/2 traces as differential pairs to minimize noise pickup and use Kelvin
connections to the applicable shunt resistor (if shunt current sensing is used) or to the sense capacitor
(if inductor DCR current sensing is used).
• Minimize the loop area from the VCC1/2 and VIN pins through their respective decoupling capacitors to the
relevant PGND pins. Locate these capacitors as close as possible to the LM25143.
12.1.4 Thermal Design and Layout
The useful operating temperature range of a PWM controller with integrated gate drivers and bias supply LDO
regulator is greatly affected by the following:
• Average gate drive current requirements of the power MOSFETs
• Switching frequency
• Operating input voltage (affecting bias regulator LDO voltage drop and hence its power dissipation)
• Thermal characteristics of the package and operating environment
For a PWM controller to be useful over a particular temperature range, the package must allow for the efficient
removal of the heat produced while keeping the junction temperature within rated limits. The LM25143 controller
is available in a small 6-mm × 6-mm 40-pin VQFN (RHA) PowerPAD package to cover a range of application
requirements. The summarizes the thermal metrics of this package.
The 40-pin VQFNP package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to any
leads of the package, it is thermally connected to the substrate of the LM25143 device (ground). This allows a
significant improvement in heat sinking, and it becomes imperative that the PCB is designed with thermal lands,
thermal vias, and a ground plane to complete the heat removal subsystem. The exposed pad of the LM25143 is
soldered to the ground-connected copper land on the PCB directly underneath the device package, reducing the
thermal resistance to a very low value.
Numerous vias with a 0.3-mm diameter connected from the thermal land to the internal and solder-side ground
plane or planes are vital to help dissipation. In a multilayer PCB design, a solid ground plane is typically placed
on the PCB layer below the power components. Not only does this provide a plane for the power stage currents
to flow but it also represents a thermally conductive path away from the heat generating devices.
The thermal characteristics of the MOSFETs also are significant. The drain pads of the high-side MOSFETs are
normally connected to a VIN plane for heat sinking. The drain pads of the low-side MOSFETs are tied to the
respective SW planes, but the SW plane area is purposely kept as small as possible to mitigate EMI concerns.
12.1.5 Ground Plane Design
As mentioned previously, using one or more of the inner PCB layers as a solid ground plane is recommended. A
ground plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for the
control circuitry. Connect the PGND1 and PGND2 pins to the system ground plane using an array of vias under
the exposed pad. Also connect the PGND1 and PGND2 pins directly to the return terminals of the input and
output capacitors. The PGND nets contain noise at the switching frequency and can bounce because of load
current variations. The power traces for PGND1/2, VIN and SW1/2 can be restricted to one side of the ground
plane. The other side of the ground plane contains much less noise and is ideal for sensitive analog trace routes.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
56
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com