Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM625 Datasheet HTML 130Page - Texas Instruments AM625 Datasheet HTML 131Page - Texas Instruments AM625 Datasheet HTML 132Page - Texas Instruments AM625 Datasheet HTML 133Page - Texas Instruments AM625 Datasheet HTML 134Page - Texas Instruments AM625 Datasheet HTML 135Page - Texas Instruments AM625 Datasheet HTML 136Page - Texas Instruments AM625 Datasheet HTML 137Page - Texas Instruments AM625 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 235 page
background image
Table 7-55. GPIO Timing Conditions (continued)
PARAMETER
BUFFER TYPE
MIN
MAX UNIT
OUTPUT CONDITIONS
CL
Output load capacitance
LVCMOS
3
10
pF
I2C OD FS
3
100
pF
Table 7-56. GPIO Timing Requirements
NO.
PARAMETER
DESCRIPTION
BUFFER TYPE
MIN
MAX
UNIT
GPIO1 tw(GPIO_IN)
Pulse width, GPIOn_x
LVCMOS
2P + 2.6(1)
ns
I2C OD FS
2P + 2.6(1)
ns
(1)
P = functional clock period in ns.
Table 7-57. GPIO Switching Characteristics
NO.
PARAMETER
DESCRIPTION
BUFFER TYPE
MIN
MAX
UNIT
GPIO2 tw(GPIO_OUT)
Pulse width, GPIOn_x
LVCMOS
0.975P(1) -
3.6
ns
I2C OD FS
160
ns
(1)
P = functional clock period in ns.
For more information, see General-Purpose Interface (GPIO) section in Peripherals chapter in the device TRM.
7.10.5.10 GPMC
For more details about features and additional description information on the device General-Purpose Memory
Controller, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 7-58 presents timing conditions for GPMC.
Table 7-58. GPMC Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.65
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5
20
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
133 MHz Synchronous Mode
140
360
ps
All other modes
140
720
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all traces
200
ps
For more information, see General-Purpose Memory Controller (GPMC) section in Peripherals chapter in the
device TRM.
7.10.5.10.1 GPMC and NOR Flash — Synchronous Mode
Table 7-59 and Table 7-60 present timing requirements and switching characteristics for GPMC and NOR Flash -
Synchronous Mode.
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
134
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com