Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM625 Datasheet HTML 131Page - Texas Instruments AM625 Datasheet HTML 132Page - Texas Instruments AM625 Datasheet HTML 133Page - Texas Instruments AM625 Datasheet HTML 134Page - Texas Instruments AM625 Datasheet HTML 135Page - Texas Instruments AM625 Datasheet HTML 136Page - Texas Instruments AM625 Datasheet HTML 137Page - Texas Instruments AM625 Datasheet HTML 138Page - Texas Instruments AM625 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 235 page
background image
Table 7-59. GPMC and NOR Flash Timing Requirements — Synchronous Mode
see Figure 7-45, Figure 7-46, and Figure 7-49
NO.
PARAMETER
DESCRIPTION
MODE(4)
MIN
MAX
MIN
MAX
UNIT
GPMC_FCLK =
100 MHz(1)
GPMC_FCLK =
133 MHz(1)
F12 tsu(dV-clkH)
Setup time, input data
GPMC_AD[15:0] valid before output
clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.61
0.92
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.86
3.41
ns
F13 th(clkH-dV)
Hold time, input data
GPMC_AD[15:0] valid after output
clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
F21 tsu(waitV-clkH)
Setup time, input wait
GPMC_WAIT[j](2) (3) valid before
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.61
0.92
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.86
3.41
ns
F22 th(clkH-waitV)
Hold time, input wait
GPMC_WAIT[j](2) (3) valid after
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.09
2.09
ns
(1)
GPMC_FCLK select
•
gpmc_fclk_sel[1:0] = 2b01 to select the 100MHz GPMC_FCLK
•
gpmc_fclk_sel[1:0] = 2b00 to select the 133MHz GPMC_FCLK
(2)
In GPMC_WAIT[j], j is equal to 0 or 1.
(3)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see General-
Purpose Memory Controller (GPMC) section in the device TRM.
(4)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For not_div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
–
GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
For GPMC_FCLK_MUX:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 01 = PER1_PLL_CLKOUT / 3 = 300 / 3 = 100MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com