Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM625 Datasheet HTML 129Page - Texas Instruments AM625 Datasheet HTML 130Page - Texas Instruments AM625 Datasheet HTML 131Page - Texas Instruments AM625 Datasheet HTML 132Page - Texas Instruments AM625 Datasheet HTML 133Page - Texas Instruments AM625 Datasheet HTML 134Page - Texas Instruments AM625 Datasheet HTML 135Page - Texas Instruments AM625 Datasheet HTML 136Page - Texas Instruments AM625 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 235 page
background image
Table 7-53. EQEP Timing Requirements
see Figure 7-44
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP1
tw(QEP)
Pulse duration, QEP_A/B
2P(1) + 2
ns
QEP2
tw(QEPIH)
Pulse duration, QEP_I high
2P(1) + 2
ns
QEP3
tw(QEPIL)
Pulse duration, QEP_I low
2P(1) + 2
ns
QEP4
tw(QEPSH)
Pulse duration, QEP_S high
2P(1) + 2
ns
QEP5
tw(QEPSL)
Pulse duration, QEP_S low
2P(1) + 2
ns
(1)
P = sysclk period in ns
QEP_S
QEP4
EPERIPHERALS_TIMNG_03
QEP_I
QEP2
QEP_A/B
QEP1
QEP3
QEP5
Figure 7-44. EQEP Timing Requirements
Table 7-54. EQEP Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP6
td(QEP-CNTR)
Delay time, external clock to counter increment
24
ns
For more information, see Enhanced Quadrature Encoder Pulse (EQEP) Module section in Peripherals chapter
in the device TRM.
7.10.5.9 GPIO
Table 7-55, Table 7-56, and Table 7-57 present timing conditions, requirements, and switching characteristics for
GPIO.
For more details about features and additional description information on the device GPIO, see the
corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
The device has multiple GPIO modules. GPIOn_x is generic name used to describe a GPIO signal,
where n represents the specific GPIO module and x represents one of the input/output signals
associated with the module.
Table 7-55. GPIO Timing Conditions
PARAMETER
BUFFER TYPE
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
LVCMOS
0.75
6.6
V/ns
I2C OD FS
TBD
TBD
V/ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com