Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 10 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 6Page - Sharp Corporation SM8521 Datasheet HTML 7Page - Sharp Corporation SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation SM8521 Datasheet HTML 10Page - Sharp Corporation SM8521 Datasheet HTML 11Page - Sharp Corporation SM8521 Datasheet HTML 12Page - Sharp Corporation SM8521 Datasheet HTML 13Page - Sharp Corporation SM8521 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
SM8521
- 10 -
Register Lineup
Fig. 1 shows the SM85CPU register lineup. The CPU
internal register consists of eight 8-bit general purpose
registers (R0-R7), four 16-bit general purpose registers
(RR8-RR14), a program counter (PC) and four other
control registers. (The R0-R7 can be also used as
four 16-bit general purpose registers (RR8-RR14).)
GENERAL PURPOSE REGISTER
The eight 8-bit general purpose registers R0-R7 and
all eight 16-bit general purpose registers (RR0-
RR14) are available for use as accumulator, index
register and pointer registers. (The R0 and RR0
cannot be used as index register)
The other eight 8-bit registers R8-R15 cannot be used
as 8-bit general purpose register and as member of
the register file. (about register file, refer to "Address
Space.")
The feature of the SM85CPU architecture is that
general purpose registers are virtually allocated at
16-byte internal RAM. Actually, if the CPU accesses
general purpose registers, the designated RAM will
be accessed by the 5-bit register pointer (RP)
V.
When RP = 00000B, the registers occupy the first
16 bytes starting at 0000H. Incrementing the field,
RP = 00001B, shifts the mapping by eight bytes so
that the registers start at 0008H. As a result, the
general purpose registers can be switched in 8-byte
unit to any RAM location within 0000H-00FFH.
Although the general purpose registers are members
of the register file, which stores the data onto
actual RAM, is different from the other members
(control registers).
That is, general purpose registers can be referred as
registers, as register file (allocated at 0000H-000FH)
and as RAM accessing by all addressing modes.
∗ About register pointer (RP), refer to "Processor status 0
(PS0)".
RR0
RR2
RR4
RR6
R8
R10
R12
R14
RR8
RR10
RR12
RR14
R0
R2
R4
R6
7
15
07
0
R1
R3
R5
R7
R9
R11
R13
R15
0
70
70
70
70
70
0
15
PS0
PS1
SYS
SPL
SPH
PC
Fig. 1
Register Lineup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com