Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 26 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 26 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 22Page - Sharp Corporation SM8521 Datasheet HTML 23Page - Sharp Corporation SM8521 Datasheet HTML 24Page - Sharp Corporation SM8521 Datasheet HTML 25Page - Sharp Corporation SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation SM8521 Datasheet HTML 30Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
SM8521
IR0 (Interrupt request register 0)
The interrupt request register IR0 is an 8-bit
readable/writable register containing the setting for
enable/disable to accept interrupt sources.
Bit 7
0
Bit 7 : DMA interrupt request bit
Bit 6 : Timer 0 interrupt request bit
Bit 5 : Sets ‘0’.
Bit 4 : External interrupt request bit
Bit 3 : UART interrupt request bit
Bit 2 : Sets ‘0’.
Bit 1 : Sets ‘0’.
Bit 0 : LCD controller Interrupt Request bit
IR1 (Interrupt request register 1)
The interrupt request register IR1 is an 8-bit
readable/writable register containing the setting for
enable/disable to accept interrupt sources.
Bit 7
0
Bit 7 : Sets ‘0’.
Bit 6 : Timer 1 interrupt request bit
Bit 5 : Sets ‘0’.
Bit 4 : Clock interrupt request bit
Bit 3 : Sets ‘0’.
Bit 2 : PIO interrupt request bit
Bit 1 to 0 : Set ‘0’.
The interrupt request register IR0 and IR1 are also
used to wake up the chip from standby mode
(STOP mode, HALT mode) by setting the interrupt
to enable. If the interrupt enabled by the interrupt
request register IR0 and IR1 occurs, the chip will
wake up from standby mode. But also there are
interrupt sources which cannot use to wake up
from STOP mode. For more details, refer to
"Standby Function".
BIT
CONTENT
0
Disable
1
Enable
DMA TIM0
-
EXT UART
--
LCDC
-
TIM1
-
CLK
-
PIO
-
-
BIT
CONTENT
0
Disable
1
Enable
- 26 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com