Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 6 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 2Page - Sharp Corporation SM8521 Datasheet HTML 3Page - Sharp Corporation SM8521 Datasheet HTML 4Page - Sharp Corporation SM8521 Datasheet HTML 5Page - Sharp Corporation SM8521 Datasheet HTML 6Page - Sharp Corporation SM8521 Datasheet HTML 7Page - Sharp Corporation SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation SM8521 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
SM8521
- 6 -
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITION
RATING
UNIT
Supply voltage
VDD
–0.3 to 6.5
V
Input voltage
VI
–0.3 to VDD + 0.5
V
Output voltage
VO
–0.3 to VDD + 0.5
V
Output current
IOH
High-level output current
4
mA
IOL
Low-level output current
4
mA
Operating temperature
TOPR
–10 to +60
˚C
Store temperature
TSTG
–40 to +140
˚C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITION
RATING
UNIT
Supply voltage
VDD
4.5 to 5.5
V
System clock frequency
fSYS
VDD = 4.5 to 5.5 V
16.384 k to 5 M
Hz
Maximum main clock frequency
fCK
VDD = 4.5 to 5.5 V
10
MHz
Subclock frequency
fSUB
VDD = 2.7 to 5.5 V
32.768
kHz
Operating temperature
TOPR
–10 to +60
˚C
NOTE :
Be sure to RESETB when power on because internal signal reguires initialization. Normal operation is not guaranteed without
hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com