Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 24 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 24 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 20Page - Sharp Corporation SM8521 Datasheet HTML 21Page - Sharp Corporation SM8521 Datasheet HTML 22Page - Sharp Corporation SM8521 Datasheet HTML 23Page - Sharp Corporation SM8521 Datasheet HTML 24Page - Sharp Corporation SM8521 Datasheet HTML 25Page - Sharp Corporation SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
SM8521
Table 3
SM8521 Interrupt Vectors Location and Their Priority
VECTOR LOCATION
INTERRUPT SOURCE
SYMBOL
PRIORITY∗
1000H
DMA
DMAINT
1
1002H
Timer 0
TIM0INT
2
1006H
External interrupt
EXTINT
3
1008H
UART transmit/receive complete
UARTINT
4
100EH
LCD controller
LCDCINT
5
1012H
Timer 1
TIM1INT
6
1016H
Clock
CKINT
7
101AH
Input/output port
PIOINT
8
101CH
Watchdog timer overflow
WDTINT
–
101EH
NMI, illegal instruction
NMIINT, ILLINT
–
∗ The priority levels determine the order in which the chip process simultaneous interrupts. It also denotes the priority level of
mask interrupts by setting the bits IM2-IM0 (bits 2-0 : PS0).
REGISTER EXPLANATIONS
PS0 (Interrupt maskbit (IM) of processor status 0)
The bits IM2-IM0 can set the acceptable level for
interrupt. The maskable interrupt requested by CPU
is set 1 to 8 priority levels. These bits IM2-IM0
determine processing interrupts which priority
levels.
Bits 2 to 0 : Interrupt mask bits (IM2-IM0)
BIT
CONTENT
000
All maskable interrupts recognized.
001
All maskable interrupts recognized.
010
Maskable interrupts with 1 to 7 level
recognized.
011
Maskable interrupts with 1 to 6 level
recognized.
100
Maskable interrupts with 1 to 5 level
recognized.
101
Maskable interrupts with 1 to 4 level
recognized.
110
Maskable interrupts with 1 to 3 level
recognized.
111
Maskable interrupts with 1 to 2 level
recognized.
NOTE :
When an interrupt enables by interrupt mask bit, if all
interrupt conditions are setup, then the CPU starts to the
interrupt processing.
- 24 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com