Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 11 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 7Page - Sharp Corporation SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation SM8521 Datasheet HTML 10Page - Sharp Corporation SM8521 Datasheet HTML 11Page - Sharp Corporation SM8521 Datasheet HTML 12Page - Sharp Corporation SM8521 Datasheet HTML 13Page - Sharp Corporation SM8521 Datasheet HTML 14Page - Sharp Corporation SM8521 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
SM8521
- 11 -
CPU CONTROL REGISTER
The SM85CPU has the following control register :
processor status PS0, processor status PS1,
system configuration register SYS, stack pointer
SPH, SPL and program counter PC. All control
register except the program counter PC are
members of the register file and accessible by the
register file R and the register file pair RR
addressing modes.
Processor status 0 (PS0)
The processor status PS0 is an 8-bit readable/
writable register containing 2 fields, the upper 5-bit
is register pointer (RP) and the lower 3-bit is
interrupt mask.
Bit 7
0
Bits 7 to 3 : Register pointer (RP)
This gives, in 8 bytes unit, the starting address
in RAM for general purpose registers.
Bits 2 to 0 : Interrupt mask bits (IM)
Internal RAM
Address
R0
R1
R14
R15
High
Low
RP
IM
PS0
Ex.) If RP = 00000B, general purpose
registers will be virtually allocated
at internal RAM 0000H-000FH.
If RP = 00001B, general purpose
registers will be virtually allocated
at internal RAM 0008H-0017H.
Fig. 2
Register Pointer (RP) Setting Example
BIT
CONTENT
000
All maskable interrupts recognized
001
010
Maskable interrupts with level 1 to 12 recognized
011
Maskable interrupts with level 1 to 10 recognized
100
Maskable interrupts with level 1 to 8 recognized
101
Maskable interrupts with level 1 to 6 recognized
111
Maskable interrupts with level 1 tto 4 recognized
111
Maskable interrupts with level 1 to 2 recognized
PR4 PR3 PR2 PR1 PR0
IM2
IM1
IM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com