Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 25 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 25 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 21Page - Sharp Corporation SM8521 Datasheet HTML 22Page - Sharp Corporation SM8521 Datasheet HTML 23Page - Sharp Corporation SM8521 Datasheet HTML 24Page - Sharp Corporation SM8521 Datasheet HTML 25Page - Sharp Corporation SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
SM8521
- 25 -
PS1 (Interrupt enable bit (I) of processor status 1)
The bit I (bit 0 : PS1) enables/disables all maskable
interrupts. After hardware reset, the bit I is set ‘0’
and so all maskable interrupts are in disable state.
Bit 0 : Interrupt enable (I)
Except that write to processor status PS1 directly,
the bit I can be set/cleared by the following special-
purpose instructions. (Under normal case, the
special-purpose instructions are used.)
DI instruction : bit I is set ‘0’.
EI instruction : bit I is set ‘1’.
IE0 (Interrupt enable register 0)
The interrupt enable register IE0 is an 8-bit
readable/writable register containing the settings for
enable/disable to accept interrupt sources.
Bit 7
0
Bit 7 : DMA interrupt enable bit
Bit 6 : Timer 0 interrupt enable bit
Bit 5 : Sets ‘0’.
Bit 4 : External interrupt enable bit
Bit 3 : UART interrupt enable bit
Bits 2 to 1 : Set ‘0’.
Bit 0 : LCD cotroller interrupt enable bit
IE1 (Interrupt enable register 1)
The interrupt enable register IE1 is an 8-bit
readable/writable register containing the settings for
enable/disable to accept interrupt sources.
Bit 7
0
Bit 7 : Sets ‘0’.
Bit 6 : Timer 1 interrupt enable bit
Bit 5 : Sets ‘0’.
Bit 4 : Clock interrupt enable bit
Bit 3 : Sets ‘0’.
Bit 2 : PIO interrupt enable bit
Bits 1 to 0 : Set ‘0’.
The interrupt enable register IE0 and IE1 are also
used to wake up the chip from standby mode
(STOP mode, HALT mode) by setting the interrupt
to enable. If the interrupt enabled by the interrupt
enable register IE0 and IE1 occurs, the chip will
wake up from standby mode. But also there are
interrupt sources which cannot use to wake up
from STOP mode. For more details, refer to "Stand
by Function".
DMA TIM0
-
EXTINT UART
--
LCDC
-
TIM1
-
CLK
-
PIO
-
-
BIT
CONTENT
0
Disable
1
Enable
BIT
CONTENT
0
Disable
1
Enable
BIT
CONTENT
0
Disables to accept all maskable interrupts
1
Enables to accept maskable interrupt. For
each maskable interrupt can be enabled/
disabled by interrupt enable register IE0, IE1
and bits IM2-IM0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com