Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 27 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 27 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 23Page - Sharp Corporation SM8521 Datasheet HTML 24Page - Sharp Corporation SM8521 Datasheet HTML 25Page - Sharp Corporation SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation SM8521 Datasheet HTML 30Page - Sharp Corporation SM8521 Datasheet HTML 31Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
SM8521
- 27 -
Standby Function
The
standby
function
is
a
function
which
temporarily stops program execution so as to
conserve power. The standby mode is when the
chip enters temporary stop state from the operating
state, executing program. It contains both STOP
and HALT modes, either of which can be selected
according to your desires.
If the CPU executes the STOP mode or HALT
mode, the chip will switch to standby mode from an
operating mode. If the wake up source of the
standby mode encounters an interrupt the chip
returns to operating mode from the standby mode.
Fig. 11 shows its state transition diagram.
External reset request
Warming up
end
HALT instruction
execution
HALT mode
wake up source
STOP instruction
execution
Hardware Reset
Normal Operation
Operating Mode
HALT Mode
STOP Mode
Standby Mode
STOP mode
wake up source
Internal/external
reset request
NOTE : When the chip wakes up from STOP mode, it returns to operating mode behind warming up period.
Fig. 11
State Transition Diagram
NOTE :
The STOP instruction is also used for clock change function,
which its operation is different from switching the chip to
STOP mode, take care to use it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com