Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 30 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 30 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation SM8521 Datasheet HTML 30Page - Sharp Corporation SM8521 Datasheet HTML 31Page - Sharp Corporation SM8521 Datasheet HTML 32Page - Sharp Corporation SM8521 Datasheet HTML 33Page - Sharp Corporation SM8521 Datasheet HTML 34Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
SM8521
P3C (Control register)
Bit 7
0
Bits 7 to 6 :
Bits 5 to 4 :
Bits 3 to 2 :
Bits 1 to 0 :
TIMER/COUNTERS
The SM8521 supports 8-bit timer x 2, and clock
timer x 1. One out of 8-bit prescaler output can be
selected as an 8-bit timer input.
P3C7 P3C6 P3C5 P3C4 P3C3 P3C2 P3C1 P3C0
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output/(Timer 1 clock outputs through P37)
Output/(Timer 1 clock outputs through P37)
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)
- 30 -
Internal bus
Data register
Interrupt
8-bit prescaler
8-bit up-counter
Control register
fCK
Comparator
Fig. 13
8-Bit Timer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com