Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 17 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 13Page - Sharp Corporation SM8521 Datasheet HTML 14Page - Sharp Corporation SM8521 Datasheet HTML 15Page - Sharp Corporation SM8521 Datasheet HTML 16Page - Sharp Corporation SM8521 Datasheet HTML 17Page - Sharp Corporation SM8521 Datasheet HTML 18Page - Sharp Corporation SM8521 Datasheet HTML 19Page - Sharp Corporation SM8521 Datasheet HTML 20Page - Sharp Corporation SM8521 Datasheet HTML 21Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
SM8521
- 17 -
WRB
D0-D7
Valid data
tWSA
Invalid data
tWSD
tWHD
tWHA
tWWR
A0-A20
• External memory access timing (write timing)
Operating condition
(VDD = 4.5 to 5.5 V, TOPR = –10 to 60˚C)
PARAMETER
SYMBOL
UNIT
NOTE
Address setup time
tWSA
tSYS
tSYS + 50
ns
1
Data setup time
tWSD
tSYS – 50
tSYS + 30
ns
1
WRB signal pulse width
tWWR
tSYS – 60
tSYS
ns
1
Address hold time
tWHA
10
ns
Data hold time
tWHD
10
ns
MIN.
TYP.
MAX.
NOTE :
1. tSYS : The system clock period (main clock x 1/2) when the
low order 3 bits in the clock change register
FCPUS2-FCPUS0 are 100B.
tWSA : The time between address firm and WRB signal
falling Low level firm.
tWSD : The time between WRB signal rising High level firm
and output valid data firm.
tWWR : WRB signal Low level width.
tWHA : The time between WRB signal rising High level firm
and address change.
tWHD : The time between WRB signal rising High level firm
and output data floating.
Load capacitance is 50 pF.
Fig. 6
External Memory Access Timing (Write Timing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com