Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 40 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 40 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 36Page - Sharp Corporation SM8521 Datasheet HTML 37Page - Sharp Corporation SM8521 Datasheet HTML 38Page - Sharp Corporation SM8521 Datasheet HTML 39Page - Sharp Corporation SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation SM8521 Datasheet HTML 43Page - Sharp Corporation SM8521 Datasheet HTML 44Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
SM8521
- 40 -
DMBR (ROM bank register)
DMBR register specifies ROM's bank being
transferred. (Organization of bank is 256 x 256
dots. Bank specifies external memory address
irrespective of MMU.)
Bit 7
0
DMVP(DMVP register)
DMVP register specifies a page (VRAM) in case of
specifying VRAM to source and destination.
Bit 7
0
Bits 7 to 2 : Set ‘0’.
Bit 1 : Destination page A/B
Bit 0 : Source page A/B
DMPL (Pallet register)
DMPL register specifies gradation to dot data.
When transferring, gradation data concerned with
dot data of the DMPL register is stored to VRAM.
Bit 7
0
Bits 7 to 6 : Dot data color 0
Bits 5 to 4 : Dot data color 1
Bits 3 to 2 : Dot data color 2
Bits 1 to 0 : Dot data color 3
Example :
When dot data color 2 (10B) is specified under the
status of the DMPL register filled with
∗∗01∗∗∗∗B,
bit 4 and 5 of the DMPL register are automatically
selected. Dot data changes from color 2 (10B) to
color 1 (01B). Then the dot data color 1 moves to
specified VRAM.
COL31COL30 COL21 COL20 COL11 COL10 COL01 COL00
DMPL
NOTE : Color 0-3 are not depth gradation. Depth of black and white on LCD is fixed by Gradiation control bit of the LCC register.
ROM/VRAM
Dot data = color 2 (10B)
Color 3
Color 2
01
Color 1
Color 0
VRAM
Dot data = color 1 (01B)
Fig. 18
How to Select Gradations
-
DMBR6 DMBR5 DMBR4 DMBR3 DMBR2 DMBR1 DMBR0
------
SOUAB DESAB
BIT
CONTENT
0
Destination page A
1
Destination page B
BIT
CONTENT
0
Source page A
1
Source page B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com