Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 47 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 47 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 43Page - Sharp Corporation SM8521 Datasheet HTML 44Page - Sharp Corporation SM8521 Datasheet HTML 45Page - Sharp Corporation SM8521 Datasheet HTML 46Page - Sharp Corporation SM8521 Datasheet HTML 47Page - Sharp Corporation SM8521 Datasheet HTML 48Page - Sharp Corporation SM8521 Datasheet HTML 49Page - Sharp Corporation SM8521 Datasheet HTML 50Page - Sharp Corporation SM8521 Datasheet HTML 51Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
SM8521
- 47 -
UNIVERSAL ASYNCHRONOUS RECEIVER
AND TRANSMITTER (UART) INTERFACE
SM8521 supports 1-channel universal asynchronous
receiver and transmitter interface (UART) .
The UART interrupt has the following features.
• Transmitter and receiver are independent each
other, full duplex communication possible.
• Receiver is consisted of duplex buffer, able to
receive data continuously.
• The dedicated register for baud rate generator is
built-in.
• It is possible to choose transfer format as
following.
• Stop bit : 1-bit/2-bit
• Parity bit : even parity/odd parity/no parity
• Receive error can be detected.
• Frame error
• Parity error
• Overrun error
NOTE :
UART baud rate is fixed at [Timer 0 output/32]. Regarding
Timer 0, refer to "8-Bit Timer Register TM0C".
Data bus
Receiver data
register URTR
Transmit data
register URTT
Control register
URTC
: A control register mapped by register file
Receive data
shift register
P
Status register
URTS
Interrupt request signal
to bit IR03 (bit 3 : IR0)
P
Divider
Timer 0 output
(Divided by 16)
TXD
P70/RXD
Fig. 25
UART Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com