Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 41 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 41 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 37Page - Sharp Corporation SM8521 Datasheet HTML 38Page - Sharp Corporation SM8521 Datasheet HTML 39Page - Sharp Corporation SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation SM8521 Datasheet HTML 43Page - Sharp Corporation SM8521 Datasheet HTML 44Page - Sharp Corporation SM8521 Datasheet HTML 45Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
SM8521
- 41 -
SOUND GENERATOR
The SM8521 supports two waveform generators
concerning arbitrary waveform output channel and
one noise generator channel. After each channel's
signal is amplified through each variable register, a
digital mixer mixes them into one and D/A outputs it.
Address
generator
Scale
counter
Internal bus
Internal bus
Waveform generator
Waveform generator
Waveform
memory
Digital
mixer
D/A
Sound output
D/A direct output channel
Noise sound generator
(Random rectangular waveform)
SG1
SG0
SG2
Fig. 19
Sound Generator Block Diagram
• Waveform generator
The data, 4-bit x 32 steps, stored in the waveform
register (SGW0-15) is output at the timing of FCK
(main clock) divided by time constant register.
• Digital mixer
4-bit data generated from each generator is
expanded to sixteen times as large as original 4-bit
data. Those expanded data is added to one
another after passing through digital attenuator (0,
1/32, 2/32, .... 31/32) of which attenuation rate is
specified by output level control register.
NOTE :
Attention to the sum total of each sound generator, not
exceeding capacity of digital mixer.
• Noise sound register
False noise, of which maximum frequency is based
on cycle divided FCK (main clock) by time constant
register, is output.
• D/A direct output register (in digital mixer)
When all sound generator 0, 1 and 2 are disable,
the data stored in this register is directly effective
as D/A input, provided that the data is stored in the
SGDA register and both sound output enable
register and D/A direct output enable registers are
set.
NOTE :
All 12 bits of each SG0, SG1 and SG2 must not be filled
with 0. If all 12 bits become 0, D/A can not perform correct
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com