Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 15 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 15 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 11Page - Sharp Corporation SM8521 Datasheet HTML 12Page - Sharp Corporation SM8521 Datasheet HTML 13Page - Sharp Corporation SM8521 Datasheet HTML 14Page - Sharp Corporation SM8521 Datasheet HTML 15Page - Sharp Corporation SM8521 Datasheet HTML 16Page - Sharp Corporation SM8521 Datasheet HTML 17Page - Sharp Corporation SM8521 Datasheet HTML 18Page - Sharp Corporation SM8521 Datasheet HTML 19Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
SM8521
- 15 -
Bus Timing
The SM85CPU is variable for system clock. The bit
FCPUS2-FCPUS0 (bits 5 to 3 : CKKC) of the clock
changing register CKKC can select system clock to
1/2, 1/4, 1/8, 1/16 and 1/32 of the main clock and
1/2 of sub-clock. The CPU operates at 1/32 clock
of the main clock after hardware reset.
INTERNAL MEMORY ACCESS TIMING
The read cycle of internal RAM is 2 cycles. The
internal RAM supports 2 cycles for reading or
writing.
EXTERNAL MEMORY ACCESS TIMING
The external memory supports 2 cycles for reading
or writing. Fig. 5 shows the read timing and Fig. 6
shows the write timing.
INSTRUCTION PREFETCH
The SM85CPU, which execution cycle overlaps
with the OP code, fetches next instruction OP
code during one instruction execution cycle. For
example, the execution time for 2 bytes instructions
(MOV R, r) of transferring the RAM contents to a
register is 4 cycles.
Internal clock
Pre-instruction
Transfer
instruction
Next instruction
Fetch cycle
Execution
cycle
Executing
preinstruction
OP code
fetch
Operand
fetch
RAM
read
Register
write
OP code
fetch
Execution time
Fig. 4
Instruction Execution for Transfer Instruction (2 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com