Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 18 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 14Page - Sharp Corporation SM8521 Datasheet HTML 15Page - Sharp Corporation SM8521 Datasheet HTML 16Page - Sharp Corporation SM8521 Datasheet HTML 17Page - Sharp Corporation SM8521 Datasheet HTML 18Page - Sharp Corporation SM8521 Datasheet HTML 19Page - Sharp Corporation SM8521 Datasheet HTML 20Page - Sharp Corporation SM8521 Datasheet HTML 21Page - Sharp Corporation SM8521 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
SM8521
- 18 -
SYSTEM CONTROL
Oscillator Circuit
The SM8521 is built-in the main-clock and sub-
clock oscillator circuits for generating clock signal.
The main-clock oscillator circuit is applied to 1.5 to
10 MHz. The sub-clock oscillator circuit is applied
to 32.768 kHz.
Clock System
The SM8521 uses the main-clock and sub-clock
oscillator circuits to generate the required clock.
The system clock, leads CPU operation, is one of
the five clocks which divides the main-clock (fCK)
into 1/2, 1/4, 1/8, 1/16 and 1/32. It also selects
from sub-clock (f32K). In addition, the clocks
supplied to the peripheral functions are fc1-fc10
divided by the prescaler PRS0 and derived from
the 1/2 clock of main-clock (fCK/2), and fx1-fx8 divided
by the prescaler PRS1 and derived from the sub-
clock.
fCK = 11.0592 MHz
System clock
frequency control
CG
SM85CPU
Warming up counter
Sub-clock
generator circuit
Prescaler PRS1
CKIN
CKOUT
OSCIN
OSCOUT
RAM register
read/write
Function blocks
operation
Peripheral functions
Interrupt control
fCK/2
fc1-fc10
fc10
System clock
f32K
f32K
f32K =
32.768 kHz
Main-clock
generator circuit
1/2
Prescaler PRS0
fCK
Fig. 7
SM8521 Clock System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com