Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 51 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 51 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 47Page - Sharp Corporation SM8521 Datasheet HTML 48Page - Sharp Corporation SM8521 Datasheet HTML 49Page - Sharp Corporation SM8521 Datasheet HTML 50Page - Sharp Corporation SM8521 Datasheet HTML 51Page - Sharp Corporation SM8521 Datasheet HTML 52Page - Sharp Corporation SM8521 Datasheet HTML 53Page - Sharp Corporation SM8521 Datasheet HTML 54Page - Sharp Corporation SM8521 Datasheet HTML 55Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
SM8521
- 51 -
INSTRUCTION SET
The instruction set of the SM85CPU has the
following characteristics :
• The instruction set is the result of subtle
design and consists of 67 types of basic
instructions.
• The powerful bit manipulation instructions
includes plural bits transfer, logical operation
between bits, and the bit test and jump
instructions that incorporates a test and
condition branch in the same instruction.
• There are transfer, operation and conditional
branch instructions for 16-bit. The actions of
transfer, operation and long jump for word
data can be processed in High speed.
• There are arithmetic instructions for multi-
plication and division.
Multiplication : 8-bit x 8-bit
→16-bit
Division : 16-bit x 16-bit
→16-bit remaining
8-bit
• 23 types of memory addressing mode
• By variety of memory addressing modes, the
accessing to RAM, ROM, and register file
can be operated .
Definition of Symbols
Instruction Summary
Load Instructions
INSTRUCTION OPERAND
FUNCTION
CLR
dst
dst
←0 (Clear)
MOV
dst, src
dst
←src (Move)
MOVM
dst, IM, src
dst
←(dst AND IM) OR src
(Move Under Mask)
MOVW
dst, src
dst
←src
(Move Word)
POP
dst
dst
←@SP, SP←SP+1
(Pop from Stack)
POPW
dst
dst
←@SP, SP←SP+2
(Pop Word from Stack)
PUSH
src
SP
←SP–1, @SP←src
(Push to Stack)
PUSHW
src
SP
←SP–2, @SP←src
(Push Word to Stack)
SYMBOL
EXPLANATION
PC
Program counter
SP
Stack pointer
@SP
Indirect stack pointer
PS0
Processor status 0
PS1
Processor status 1
C
Carry flag
Z
Zero flag
S
Sign flag
V
Overflow flag
D
Decimal complement flag
H
Half carry flag
BF
Bit flag
I
Interrupt enable
dst
Destination
src
Source
cc
Condition code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com