Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 38 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 38 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 34Page - Sharp Corporation SM8521 Datasheet HTML 35Page - Sharp Corporation SM8521 Datasheet HTML 36Page - Sharp Corporation SM8521 Datasheet HTML 37Page - Sharp Corporation SM8521 Datasheet HTML 38Page - Sharp Corporation SM8521 Datasheet HTML 39Page - Sharp Corporation SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
SM8521
- 38 -
LCV (Display vertical timing register)
Bit 7
0
Bit 7 : V-blank bit (read only)
Bit 6 : Sets ‘0’.
Bits 5 to 4 : V-line size bits
Bits 4 to 0 : V-blank width bits
NOTE :
V-blank width bit must not be filled with 0000B. Otherwise,
LCDC interrupt can not be effective.
Horizontal display cycle = (shift clock x LCDC/DMA
clock ) x (H-timing + 1)
Shift clock = 40 (at H-dot size = 160),
50 (at H-dot size = 200)
Frame cycle = Horizontal display cycle x (V-line
size + V-blank width)
DMC (DMA control register)
Bit 7
0
Bit 7 : DMA start bit
Bits 6 to 5 : Set ‘0’.
Bit 4 : Increment y/decrement y bit
(Increment/decrement y-coordinate of source)
Bit 3 : Increment x/decrement x bit
(Increment/decrement x-coordinate of source)
Bits 2 to 1 : Transfer mode bits
Bit 0 : Compound/overwrite bit
BIT
SOURCE
→DESTINATION
00
VRAM
→VRAM
01
ROM
→VRAM
VBLNK
-
VL1
VL0 VBWD3 VBWD2 VBWD1 VBWD0
BIT
STATUS
0
Non-vertical blank period
1
Vertical blank period
BIT
STATUS
0
DMA stops
1
DMA starts transfering data
BIT
STATUS
0
Increment y
1
Decrement y
BIT
STATUS
0
Increment x
1
Decrement x
10
11
Extend RAM
→VRAM
VRAM
→Extend RAM
BIT
STATUS
0
Compound mode
1
Overwrite mode
BIT
VERTICAL LINE SIZE
00
100
01
10
160
200
DMST
--
INDCY INDCX TRN1 TRN0 COOVr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com