Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 43 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 43 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 39Page - Sharp Corporation SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation SM8521 Datasheet HTML 43Page - Sharp Corporation SM8521 Datasheet HTML 44Page - Sharp Corporation SM8521 Datasheet HTML 45Page - Sharp Corporation SM8521 Datasheet HTML 46Page - Sharp Corporation SM8521 Datasheet HTML 47Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
SM8521
- 43 -
In order of Low and High, each 4-bit data is
specified. Each SG0 and SG1 waveform register
stores 4-bit x 32-step data as shown below.
Refer to SG0 and SG1 waveform registers in Fig.
9-3.
The most significant bit of each 4-bit data indicates
positive and negative.
That means, range of each 4-bit data is –8 to +7.
NOTE :
Waveform register read/write is possible only when SG is
disable.
7
0
STEP0
STEP2
STEP4
STEP6
STEP8
STEP10
STEP12
STEP14
STEP1
STEP3
STEP5
STEP7
STEP9
STEP11
STEP13
STEP15
0
1
2
3
4
5
6
7
STEP16
STEP18
STEP20
STEP22
STEP24
STEP26
STEP28
STEP30
STEP17
STEP19
STEP21
STEP23
STEP25
STEP27
STEP29
STEP31
8
9
A
B
C
D
E
F
3
4
Fig. 20
Sound Waveform Register
+2.5 V
+5.0 V
D/A output level
Time
Rump-up period
Rump-down period
Fig. 21
Example of D/A Output
NOTES :
• Mute level of the D/A should be created by software.
• Attenuate not to exceed capacity of D/A output level (0-5 V) by software.
• To avoid pop-noise, make rump-up and down period by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com