Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 37 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 37 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 33Page - Sharp Corporation SM8521 Datasheet HTML 34Page - Sharp Corporation SM8521 Datasheet HTML 35Page - Sharp Corporation SM8521 Datasheet HTML 36Page - Sharp Corporation SM8521 Datasheet HTML 37Page - Sharp Corporation SM8521 Datasheet HTML 38Page - Sharp Corporation SM8521 Datasheet HTML 39Page - Sharp Corporation SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
SM8521
- 37 -
Registers
LCDC/DMA registers are shown below. LCDC
register is initialized at the system initialization. After
setting each parameter, set the DMA start bit to ‘1’
and execute HALT instruction, then DMA transfer
starts.
LCC (LCD control/status register)
Bit 7
0
Bit 7 : Display ON/OFF
Bit 6 : Display page A/B bit
Bits 5 to 4 : Gradation control bits
(Depth of black and white on real LCD)
NOTE : Gray scale
White
Gray3
Gray2
Gray1
Black
Bits 3 to 1 : LCDC/DMA clock bits
Bit 0 : Normal white bar bit
LCH (Display horizontal timing register)
Bit 7
0
Bits 7 to 6 : Set ‘0’.
Bit 5 : H-dot size bit
Bits 4 to 0 : H-timing bits
NOTE :
V-blank width bit must not be filled with 0000B. Otherwise,
LCDC interrupt can not be effective.
Horizontal display cycle = (shift clock x LCDC/DMA
clock ) x (H-timing + 1)
Shift clock = 40 (at H-dot size = 160),
50 (at H-dot size = 200)
Frame cycle = Horizontal display cycle x (V-line
size + V-blank width)
Gray 3
23
Gray 2
White
2
3
Black
Black
Black
Gray 1
Gray 2
Gray 1
0
0
0
1
1
1
DISON DISPG GRAD1 GRAD0 LCCL2 LCCL1 LCCL0 NORWH
--
HD0T HTIM4 HTIM3 HTIM2 HTIM1 HTIM0
BIT
HORIZONTAL DOT SIZE
0
160
1
200
BIT
STATUS
0
Normal white
1
Normal black
BIT
LCDC/DMA CLOCK
000
fCK/2
001
010
011
100
101
110
111
fCK/4
fCK/6
fCK/8
fCK/10
fCK/12
fCK/14
fCK/16
BIT
DISPLAY PAGE
0
Page A
1
Page B
BIT
DISPLAY ON/OFF
0
Display OFF
1
Display ON
BIT
00
Gray 3
White
White
01
10
11
23
GRADATION CHOOSEN
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com