Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 12 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 12 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation SM8521 Datasheet HTML 10Page - Sharp Corporation SM8521 Datasheet HTML 11Page - Sharp Corporation SM8521 Datasheet HTML 12Page - Sharp Corporation SM8521 Datasheet HTML 13Page - Sharp Corporation SM8521 Datasheet HTML 14Page - Sharp Corporation SM8521 Datasheet HTML 15Page - Sharp Corporation SM8521 Datasheet HTML 16Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
- 12 -
SM8521
Processor status 1 (PS1)
The processor status PS1 is an 8-bit readable/
writable register and consists of eight flag bits.
These flags can be used as the condition codes for
the conditional branch instructions. When CPU
generates an interrupt, the content of processor
status PS1 and the value of program counter PC
automatically are pushed onto stack.
Bit 7
0
Bit 7 : Carry (C)
It indicates that generated a carry in operation.
Bit 6 : Zero (Z)
It indicates that the operation result is zero.
Bit 5 : Sign (S)
It indicates that the operation result is negative
(Sign bit = ‘1’).
Bit 4 : Overflow (V)
Executes the operation with the signed value. If
the operation result cannot indicate complement
on two, then the bit will be ‘1’.
Bit 3 : Decimal adjustment (D)
It indicates that the last arithmetic operation is a
subtraction.
Bit 2 : Half carry (H)
It indicates that generated a carry between bit 3
and 4.
Bit 1 : Bit (B)
It indicates that the result of the last bit
manipulation.
Bit 0 : Interrupt enable (I)
This is a flag which enables /disables all
maskable interrupt.
System configuration register (SYS)
The system configuration register SYS is an 8-bit
readable/writable register which sets the external
memory expansion modes and selects 8-bit/16-bit
stack pointer.
Bit 7
0
Bit 7 : Sets '0'
Bit 6 : Stack pointer configuration (SPC)
Bits 5 to 3 : Set '0'
Bits 2 to 0 : Memory configuration (MCNF2-0)
∗ : In ROM space (60 k bytes), the field beyond the internal
ROM is the external memory access field.
Stack pointer (SPL, SPH)
The stack pointer SPL, SPH are 8-bit readable/
writable register and show the stack address. The
bit SPC of the system configuration (SYS) specifies
whether the stack pointer is 8 (SPL only) or 16
(both SPL and SPH) bits long.
Program counter (PC)
The program counter (PC) is a pointer for program
memory and contains the starting address for the
next instruction.
The program counter PC is initialized to 1020H after
hardware reset. That is, the application program
starts executing from the address 1020H after
hardware reset.
0
BIT
8-bit (SPL only)
CONTENT
1
16-bit (both SPL, SPH)
-
SPC
-
-
-
MCNF2 MCNF1 MCNF0
CZ
SV
D
H
B
I
BIT
CONTENT
000
External memory expansion disable.
110
External memory expansion mode
(64 k bytes
V)
Other
combination
Do not use.
Bit 15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com