Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 32 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 32 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation SM8521 Datasheet HTML 30Page - Sharp Corporation SM8521 Datasheet HTML 31Page - Sharp Corporation SM8521 Datasheet HTML 32Page - Sharp Corporation SM8521 Datasheet HTML 33Page - Sharp Corporation SM8521 Datasheet HTML 34Page - Sharp Corporation SM8521 Datasheet HTML 35Page - Sharp Corporation SM8521 Datasheet HTML 36Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SM8521
- 32 -
CLOCK TIMER REGISTER
CLKT (Clock timer register)
Bit 7
0
Bit 7 : Run/reset
Bit 6 : Minute/second
Bits 5 to 0 : Value of counter (read only)
Watchdog Timer Register (WDT)
PRS2 (Prescaler 2)
Prescaler PRS2 generates the count clock to
watchdog timer counter WDT.
The following conditions are to clear all bits of
prescaler PRS2.
• When hardware reset.
• When watchdog timer counter WDT stopped.
• When counter WDT is cleared by writing ‘1’ to
the bit WDTCR (bit 3 : WDTC).
Prescaler PRS2 divides the frequency derived from
input clock fc10 (204.8 µs : main-clock = 10 MHz),
then fc11-fc15 are output.
WDT (Watchdog timer counter register)
Watchdog timer counter WDT is an 8-bit read only
register which counts up from input clock.
WDTC (Watchdog timer control register)
Watchdog timer control WDTC is an 8-bit read only
register which sets watchdog timer to start/stop,
counter clear designation, and selects the count
clock.
Bit 7
0
Bit 7 : Watchdog timer start/stop bit (WDTST)
Bit 6 : Operation select while watchdog timer overflow
(WDTRN)
Bits 5 to 4 : set ‘0’.
Bit 3 : Counter clear bit (WDTCR) [write only bit]
Bits 2 to 0 : Watchdog timer counter clock selection
bits (WCNT2-WCNT0)
BIT
COUNT CLOCK
000
fc12 (819 µs∗1)
001
fc13 (1.639 ms∗1)
010
fc14 (3.278 ms∗1)
011
fc15 (6.578 ms∗1)
100
fx5 (0.976 ms∗2)
101
fx6 (1.95 ms∗2)
110
fx7 (3.90 ms∗2)
111
fx8 (7.81 ms∗2)
WDTST WDTRN
--
WDTCR WCNT2 WCNT1 WCNT0
1/2 1/2 1/2 1/2 1/2
fc11 fc12 fc13 fc14 fc15
PRS2 fc2
BIT
CONTENT
0
Timer stop [WDT is cleared.]
1
Timer start
BIT
CONTENT
0
Hardware reset
1
Non-maskable interrupt
BIT
CONTENT
0
No clear
1
Only in writing operation, WDT is cleared.
BIT
STATUS
0
1 second
1
1 minute
BIT
STATUS
0
Counter reset
1
Run
∗1 The value in ( ) is the period when main-clock is
10 MHz.
∗2 The value in ( ) is the period when sub-clock is
32.768 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com