Electronic Components Datasheet Search
  English  ▼

X  

SM8521 Datasheet(PDF) 44 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 44 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation SM8521 Datasheet HTML 43Page - Sharp Corporation SM8521 Datasheet HTML 44Page - Sharp Corporation SM8521 Datasheet HTML 45Page - Sharp Corporation SM8521 Datasheet HTML 46Page - Sharp Corporation SM8521 Datasheet HTML 47Page - Sharp Corporation SM8521 Datasheet HTML 48Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
SM8521
- 44 -
Registers
SGC (Control register)
Bit 7
0
Bits 7 : Sound output enable
Bits 6 to 4 : Set ‘0’.
Bit 3 : D/A direct output enable
Bit 2 : SG2 output enable
Bit 1 : SG1 output enable
Bit 0 : SG0 output enable
SG0L, SG1L (Output level control register ;
0, 1/32, 2/32…31/32)
Bit 7
0
(x = 0, 1)
The value of output level control register decides
the digital attention rate.
SG0TL, SG1TL (Time constant register ; Low)
Bit 7
0
(x = 0, 1)
SG0TH, SG1TH (Time constant register ; High)
Bit 7
0
(x = 0, 1)
Bits 7 to 4 : Set ‘0’.
A period of one step is variable based on the value
of Time constant register (SG0TL, SG0TH, SG1TL
and SG1TH composed of 12 bits.)
SG0W0-15, SG1W0-15 (Waveform register 0-15)
Bit 7
0
(x = 0, 1)(y = 0 to 15)
Bits 7 to 4 : Waveform data Low order
Bits 3 to 0 : Waveform data High order
SG2L (Output level control register ; 0, 1/32,
2/32…31/32)
Bit 7
0
Bits 7 to 5 : Set ‘0’.
The value of output level control register decides
the digital attenuation rate.
SG2TL (Time constant register ; Low)
Bit 7
0
SG2TH (Time constant register ; High)
Bit 7
0
Bits 7 to 4 : Set ‘0’.
A period of one step is variable based on the value
of Time constant register (SG2TL and SG2TH
composed of 12 bits).
SGDA (D/A direct output register ; write only)
Bit 7
0
The value of SGDA register directly transfers
digital mixer.
NOTES :
• Time constant register must be written by "MOVW"
instruction.
• Each time constant register must not be filled with all "0"
or only the Low significant bit is "1".
SONDOUT
---
DIROUT SG2OUT SG1OUT SG0OUT
---
SG2L4 SG2L3 SG2L2 SG2L1 SG2L0
SG2TL7 SG2TL6 SG2TL5 SG2TL4 SG2TL3 SG2TL2 SG2TL1 SG2TL0
----
SG2TH3 SG2TH2 SG2TH1 SG2TH0
SGDA7 SGDA6 SGDA5 SGDA4 SGDA3 SGDA2 SGDA1 SGDA0
---
SGxL4 SGxL3 SGxL2 SGxL1 SGxL0
SGxTL7 SGxTL6 SGxTL5 SGxTL4 SGxTL3 SGxTL2 SGxTL1 SGxTL0
----
SGxTH3 SGxTH2 SGxTH1 SGxTH0
SGxWy7 SGxWy6 SGxWy5 SGxWy4 SGxWy3 SGxWy2 SGxWy1 SGxWy0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com