Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54KB21 Datasheet HTML 1Page - Texas Instruments TPS54KB21 Datasheet HTML 2Page - Texas Instruments TPS54KB21 Datasheet HTML 3Page - Texas Instruments TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
5 Pin Configuration and Functions
1
15
14
13
12
11
10
9
8
PGND
7
6
5
3
2
SW
BOOT
16
PGND
VIN
AGND
EN
MSEL
PG
VIN
VCC
4
PGND
Figure 5-1. RZR Package 16-Pin VQFN-HR Top
View
11
12
13
14
15
1
2
3
5
6
7
9
10
SW
VCC
16
PGND
VIN
PG
MSEL
EN
AGND
VIN
BOOT
4
PGND
8
PGND
Figure 5-2. RZR Package 16-Pin VQFN-HR Bottom
View
Table 5-1. Pin Functions
NO.
NAME
TYPE(1)
DESCRIPTION
2
AGND
G
Analog ground return and reference for the internal control circuits.
5
BOOT
I/O
Supply for the internal high-side MOSFET gate driver (boost terminal). Connect the bootstrap
capacitor from this pin to SW node.
1
EN
I
Enable pin. The enable pin turns the DC/DC switching converter on or off. Floating EN pin before
start-up disables the converter. The recommended maximum voltage applied to the EN pin is 5.5 V.
TI does not recommend connecting the EN pin to VIN pin directly.
14
FB
I
Output voltage feedback input. A resistor divider from the output voltage to GOSNS (tapped to FB
pin) sets the output voltage. Connect the FB divider to the output voltage near the load.
13
GOSNS
I
Negative input of the differential remote sense circuit. Connect to a ground sense point near the
load.
12
ILIM
I
Current limit setting pin. Connect a resistor to AGND to set the current limit trip point. TI
recommends a ±1% tolerance resistor. See Section 7.3.10 for details on OCL setting.
11
MSEL
I
Multi-function select pin. A resistor from the MSEL pin to AGND selects between forced continuous-
conduction mode (FCCM) or skip-mode operation, the operating frequency, and the PWM ramp
setting. A ±1% tolerance resistor is required. See Table 7-1 for details.
10
PG
O
Open-drain power-good status signal. Connect an external pullup resistor to a voltage source.
When the FB voltage moves outside the specified limits, PG goes low after the specified delay.
4, 8, 16
PGND
G
Ground return for the power stage. This pin is internally connected to the source of the low-side
MOSFET. Place as many vias as possible beneath the PGND pins and as close as possible to the
PGND pins. This minimizes parasitic impedance and also lowers thermal resistance.
15
SS
O
Connect a capacitor to AGND to set the SS time. A minimum 10-nF capacitor is required for this pin
to avoid overshoot during the charge of soft-start capacitor.
6
SW
O
Output switching terminal of the power converter. Connect this pin to the output inductor.
7
VCC
P
Internal 3-V LDO output. A 3.3-V or 5-V external bias can be connected to this pin to save the
power losses on the internal LDO. The voltage source on this pin powers both the internal circuitry
and gate driver. Bypass with a 1-μF, > 6.3-V rating, ceramic capacitor from VCC pin to PGND. Place
this capacitor as close to the VCC and PGND pins as possible.
3, 9
VIN
P
Power-supply input pins for both the power stage MOSFETs and the internal LDO. Place the
decoupling input capacitors from VIN pins to PGND pins as close as possible. A capacitor from
each VIN to PGND close to IC is required.
(1)
I = Input, O = Output, P = Supply, G = Ground
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com