Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 18Page - Texas Instruments TPS54KB21 Datasheet HTML 19Page - Texas Instruments TPS54KB21 Datasheet HTML 20Page - Texas Instruments TPS54KB21 Datasheet HTML 21Page - Texas Instruments TPS54KB21 Datasheet HTML 22Page - Texas Instruments TPS54KB21 Datasheet HTML 23Page - Texas Instruments TPS54KB21 Datasheet HTML 24Page - Texas Instruments TPS54KB21 Datasheet HTML 25Page - Texas Instruments TPS54KB21 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
fSW limited by the minimum off-time, the variation in resistance across temperature must be considered when
using Equation 9. The selected fSW of 1.4 MHz is below the two calculated maximum values.
TBD
(9)
8.2.2.3 Choose the Inductor
To calculate the value of the output inductor (LOUT), use Equation 10. The output capacitor filters the inductor-
ripple current (IIND(ripple)). Therefore, selecting a high inductor-ripple current impacts the selection of the output
capacitor because the output capacitor must have a ripple-current rating equal to or greater than the inductor-
ripple current. On the other hand, larger ripple current increases output ripple voltage, but improves signal-to-
noise ratio and helps to stabilize operation. Generally speaking, the inductance value must set the ripple current
at approximately 15% to 40% of the maximum output current for a balanced performance.
TBD
(10)
TBD
(11)
TBD
(12)
TBD
(13)
8.2.2.4 Set the Current Limit (ILIM)
The RILIM resistor sets the valley current limit. Equation 14 calculates the recommended current limit target. This
includes the tolerance of the inductor and a factor of 0.85 for the tolerance of the current limit threshold. Equation
15 calculates the RILIM resistor to set the current limit. The typical valley current limit target is TBD A and the
closest standard value for RILIM is TBD kΩ.
TBD
(14)
TBD
(15)
With the current limit set, Equation 16 calculates the typical maximum output current at current limit. Equation 17
calculates the typical peak current at current limit. As mentioned in Choose the Inductor, the saturation behavior
of the inductor at the peak current during current limit must be considered. For worst case calculations, the
tolerance of the inductance and the current limit must be included.
TBD
(16)
TBD
(17)
8.2.2.5 Choose the Output Capacitor
There are three considerations for selecting the value of the output capacitor.
1. Stability
2. Steady state output voltage ripple
3. Regulator transient response to a change load current
First, calculate the minimum output capacitance based on these three requirements. Equation 18 calculates the
minimum capacitance to keep the LC double pole below 1/30th the fSW to meet stability requirements. This
requirement helps to keep the LC double pole close to the internal zero. Equation 19 calculates the minimum
capacitance to meet the steady state output voltage ripple requirement of TBD. This calculation is for CCM
operation and does not include the portion of the output voltage ripple caused by the ESR or ESL of the output
capacitors.
TBD
(18)
TBD
(19)
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com