Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 26Page - Texas Instruments TPS54KB21 Datasheet HTML 27Page - Texas Instruments TPS54KB21 Datasheet HTML 28Page - Texas Instruments TPS54KB21 Datasheet HTML 29Page - Texas Instruments TPS54KB21 Datasheet HTML 30Page - Texas Instruments TPS54KB21 Datasheet HTML 31Page - Texas Instruments TPS54KB21 Datasheet HTML 32Page - Texas Instruments TPS54KB21 Datasheet HTML 33Page - Texas Instruments TPS54KB21 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
.000 PKG
0
(
)
1.625
2X (
)
1.5
2X ( )
1
2X (
)
0.5
2X (
)
0.556
2X (
)
0.5
2X ( )
1
2X (
)
1.5
(
)
1.35
2X (0.86)
2X (0.58)
6X (0.65)
26X (0.25)
2X (0.7)
(0.6)
8X (0.575)
4X (R0.1)
(R0.05) TYP
2X (
)
0.188
2X (
)
1.05
7X (0.325)
2X
(R0.1)
WQFN-FCRLF - 0.7 mm max height
RZR0016A
PLASTIC QUAD FLATPACK - NO LEAD
4228859/A 07/2022
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 24X
PRINTED SOLDER COVERAGE BY AREA
PADS 4 & 8: 88%
PAD 16: 80%
1
5
7
11
16
METAL UNDER
SOLDER MASK
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com