Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54KB21 Datasheet HTML 1Page - Texas Instruments TPS54KB21 Datasheet HTML 2Page - Texas Instruments TPS54KB21 Datasheet HTML 3Page - Texas Instruments TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TPS54KB2x
UNIT
RZR (QFN, JEDEC)
RZR (QFN, EVM)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
36.8
16.5 ((2))
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.3
Not applicable (3)
°C/W
RθJB
Junction-to-board thermal resistance
7.6
Not applicable (3)
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Measured on 4-layer, 2 oz copper, 3 inch × 3 inch EVM with 1.9-W dissipated in the device.
(3)
The thermal test or simulation setup is not applicable to a TI EVM layout.
6.5 Electrical Characteristics
TJ = –40°C to +125°C, VVCC = 3 V (internal), VVIN = 4 V to 16 V. Typical values are at TJ = 25°C and VVIN = 12 V (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ(VIN)
VIN quiescent current
Non-switching, VEN = 2 V, VFB = VFB_REG +
50 mV, no external bias on VCC pin
970
µA
IQ(VCC)
VCC quiescent current
TJ = 25°C, VIN = 12 V, VEN = 2 V, VFB
= VFB_REG + 10mV (non-switching), 3.3-
V external bias on VCC pin
860
µA
ISD(VIN)
VIN shutdown supply current
VIN = 12 V, VEN = 0 V, no external bias on
VCC pin
9.5
20
µA
ISD(VCC)
VCC shutdown current
VEN = 0 V, VIN = 0 V, 3.3-V external bias on
VCC pin
90
µA
IVCC
VCC external bias current
TJ = 25°C, VIN = 12 V, VEN = 2 V, regular
switching, RMSEL = 10.5 kΩ, fSW = 800kHz,
3.3-V external bias on VCC pin
12
mA
TJ = 25°C, VIN = 12 V, VEN = 2 V, regular
switching, RMSEL = 13.3 kΩ, fSW = 1100 kHz,
3.3-V external bias on VCC pin
14
mA
TJ = 25°C, VIN = 12 V, VEN = 2 V, regular
switching, RMSEL = 30.1 kΩ, fSW = 1400
kHz, 3.3 V external bias on VCC pin
19
mA
UVLO
VINUVLO(R)
VIN UVLO rising threshold
VIN rising
3.92
3.99
V
VINUVLO(H)
VIN UVLO hysteresis
0.15
V
ENABLE
VEN(R)
EN voltage rising threshold
EN rising, enable switching
1.15
1.2
1.25
V
VEN(F)
EN voltage falling threshold
EN falling, disable switching
0.95
1
1.05
V
VEN(H)
EN voltage hysteresis
0.2
V
EN internal pull-down resistance
EN pin to AGND
0.74
1
1.27
MΩ
VENSTB(R)
EN standby rising threshold
EN rising, enable internal LDO, no switching
0.7
V
INTERNAL LDO (VCC)
VVCC
Internal LDO output voltage
2.85
3.0
3.1
V
IVCC
Internal LDO short-circuit current limit
VVIN = 12V
50
180
mA
VCCUVLO(R)
VCC UVLO rising threshold
2.8
2.85
V
VCCUVLO(F)
VCC UVLO falling threshold
2.65
V
VCCUVLO(H)
VCC UVLO hysteresis
0.15
V
FB threshold to turn off VCC LDO
EN high to low
50
85
mV
REFERENCE VOLTAGE (FB)
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com