Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 26Page - Texas Instruments TPS54KB21 Datasheet HTML 27Page - Texas Instruments TPS54KB21 Datasheet HTML 28Page - Texas Instruments TPS54KB21 Datasheet HTML 29Page - Texas Instruments TPS54KB21 Datasheet HTML 30Page - Texas Instruments TPS54KB21 Datasheet HTML 31Page - Texas Instruments TPS54KB21 Datasheet HTML 32Page - Texas Instruments TPS54KB21 Datasheet HTML 33Page - Texas Instruments TPS54KB21 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.ti.com
PACKAGE OUTLINE
3.6
3.4
3.1
2.9
0.7
0.6
0.01
0.00
2X 1.5
.000 PKG
0
2X 1
2X 0.5
2X 0.5
2X 1
2X 1.5
26X 0.3
0.2
0.888 0.1
1.4 0.1
0.556
2X
0.862 0.1
2X 0.188
6X 0.55
0.35
2X 0.6
0.4
2X 0.55
0.35
8X 0.475
0.275
0.5
0.3
2X 1.45
1.25
2X 0.6 0.1
26X (0.2)
(0.2) TYP
WQFN-FCRLF - 0.7 mm max height
RZR0016A
PLASTIC QUAD FLATPACK - NO LEAD
4228859/A 07/2022
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
0.1
C A B
0.05
C
PIN 1 ID
(45 X 0,3)
1
5
7
11
15
16
SCALE 3.500
A
B
C
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com