Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 15Page - Texas Instruments TPS54KB21 Datasheet HTML 16Page - Texas Instruments TPS54KB21 Datasheet HTML 17Page - Texas Instruments TPS54KB21 Datasheet HTML 18Page - Texas Instruments TPS54KB21 Datasheet HTML 19Page - Texas Instruments TPS54KB21 Datasheet HTML 20Page - Texas Instruments TPS54KB21 Datasheet HTML 21Page - Texas Instruments TPS54KB21 Datasheet HTML 22Page - Texas Instruments TPS54KB21 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Under split rail configuration, VIN, VCC bias, and EN are the signals to enable the part. For start-up sequence,
TI recommends that at least one of VIN UVLO rising threshold or EN rising threshold is satisfied later than VCC
UVLO rising threshold. A practical start-up sequence example is:
1. VIN applied
2. External VCC bias applied
3. EN signal goes high
Similarly, for power-down sequence, TI recommends that at least one of the VIN UVLO falling threshold or the
EN falling threshold is satisfied before the external VCC bias supply turns off. If the external VCC bias supply
turns off first, the internal LDO of the device prevents the VCC voltage from dropping below 3.0-V and be loaded
by other circuits powered by the external VCC bias supply.
CIN
MSEL
VOUT
VIN: 4 V
16 V
SS
AGND
PG
FB
BOOT
SW
GOSNS
VCC
EN
VIN
ILIM
VOSNS+
VOSNS-
CBOOT
COUT
RFB_T
RFB_B
CFF, Optional
CSS
RMSEL
RILIM
RPG
CVCC
PGOOD
EN
LOUT
PGND
VCC bias
Figure 7-2. Split Rail Configuration with External VCC Bias
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com