Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 2Page - Texas Instruments TPS54KB21 Datasheet HTML 3Page - Texas Instruments TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6.5 Electrical Characteristics (continued)
TJ = –40°C to +125°C, VVCC = 3 V (internal), VVIN = 4 V to 16 V. Typical values are at TJ = 25°C and VVIN = 12 V (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB_REG
Feedback regulation voltage
TPS54KB20 and TPS54KB22
895.5
900
904.5
mV
TPS54KB20 and TPS54KB22, TJ = –40°C
to +150°C
894.6
900
905.4
mV
VFB_REG
Feedback regulation voltage
TPS54KB21 and TPS54KB23
500
mV
TPS54KB21 and TPS54KB23, TJ = –40°C
to +150°C
500
mV
IFB(LKG)
FB input leakage current
VFB = VFB_REG
160
nA
DIFFERENTIAL REMOTE SENSE AMPLIFIER
IGOSNS
Leakage current out of GOSNS pin
VGOSNS - VAGND = 100 mV
80
µA
VICM
GOSNS common mode voltage for
regulation
VGOSNS versus VAGND
–0.1
0.1
V
SWITCHING FREQUENCY
fSW(FCCM)
Switching frequency, FCCM operation
VVIN = 12 V, VOUT = 3.3 V, RMSEL = 10.5 kΩ,
No load
680
800
920
kHz
VVIN = 12 V, VOUT = 3.3 V, RMSEL = 24.9 kΩ,
No load
935
1100
1265
kHz
VVIN = 12 V, VOUT = 3.3 V, RMSEL = 48.7 kΩ,
No load
1190
1400
1610
kHz
STARTUP
ISS
Soft-start charge current
VSS = 0 V
31
36
41
µA
VSS(DONE)
Soft-start voltage threshold for soft-start
done
TPS54KB21 and TPS54KB23
0.99
V
VSS(DONE)
Soft-start voltage threshold for soft-start
done
TPS54KB20 and TPS54KB22
1.22
V
EN HIGH to start of switching delay
CSS = 22 nF, Internal VCC, CVCC = 1 µF,
RMSEL = 86.6 kΩ, Measured from EN high to
VSS = 50 mV
500
µs
POWER STAGE
RDSON(HS)
High-side MOSFET on-resistance
VBOOT-SW = 3.3 V
5.8
mΩ
RDSON(LS)
Low-side MOSFET on-resistance
VVCC = 3.3 V
2.3
mΩ
tON(min)
Minimum ON pulse width
25
ns
tOFF(min)
Minimum OFF pulse width
150
ns
BOOT CIRCUIT
IBOOT(LKG)
Leakage current into BOOT pin
VBOOT-SW = 3 V, Enabled, Not switching.
30
µA
OVERCURRENT PROTECTION
OC limit high clamp
Valley current on LS FET, 0 Ω ≤ RILIM ≤ 4.32
kΩ
27.5
30.0
A
ILS(OC)
Low-side valley current limit
Valley current on LS FET, RILIM = 4.32 kΩ
25
27.5
30.0
A
Valley current on LS FET, RILIM = 5.36 kΩ
20.2
22.4
24.6
A
Valley current on LS FET, RILIM = 7.32 kΩ
14.8
16.4
18.0
A
Valley current on LS FET, RILIM = 10.7 kΩ
9.8
11.2
12.6
A
Valley current on LS FET, RILIM = 20 kΩ
5.1
6
6.9
A
ILS(NOC)
Low-side negative current limit
Sinking current limit on LS FET
–10
–8
A
RILIM
ILIM pin resistance range
0
20
kΩ
IZC
Zero-cross detection current threshold to
enter DCM, open loop
VIN = 12 V
–750
mA
IZC(HYS)
Zero-cross detection current threshold
hysteresis after entering DCM, open loop
VIN = 12 V
1000
mA
OUTPUT OVP AND UVP
VOVP
Overvoltage-protection (OVP) threshold
voltage
VFB rising
113%
116%
119%
tOVPDLY
OVP delay
With 100-mV overdrive
400
ns
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com