Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 12Page - Texas Instruments TPS54KB21 Datasheet HTML 13Page - Texas Instruments TPS54KB21 Datasheet HTML 14Page - Texas Instruments TPS54KB21 Datasheet HTML 15Page - Texas Instruments TPS54KB21 Datasheet HTML 16Page - Texas Instruments TPS54KB21 Datasheet HTML 17Page - Texas Instruments TPS54KB21 Datasheet HTML 18Page - Texas Instruments TPS54KB21 Datasheet HTML 19Page - Texas Instruments TPS54KB21 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
RILIM=
KOCL
IOCLIM−12× VIN−VO ×VO
VIN × 1L×fSW
(4)
where
• IOCLIM is overcurrent limit threshold for load current in A
• RILIM is ILIM resistor value in Ω
• KOCL is a constant of 120×103 for the calculation
• VIN is input voltage value in V
• VO is output voltage value in V
• L is output inductor value in µH
• fSW is switching frequency in MHz
IOCLIM=KOCLRILIM+12× VIN−VO×VO
VIN × 1L×fSW
(5)
7.3.11 Low-side MOSFET Negative Current Limit
The device has a fixed, cycle-by-cycle negative overcurrent limit (ILS(NOC)). Similar with the positive overcurrent
limit, the inductor current is monitored during the on-time of the low-side MOSFET. To prevent too large negative
current flowing through the low-side MOSFET, when the device detects a –10-A current (typical threshold)
through the low-side MOSFET, the device turns off the low-side MOSFET and then turns on the high-side
MOSFET for the on-time set by the one-shot timer (determined by VIN/VOUT/fSW). After the high-side MOSFET
on-time expires, the low-side MOSFET turns on again.
The device must not trigger the –10-A negative current limit threshold during nominal operation, unless a small
inductor value that is too small is chosen or the inductor becomes saturated. This negative current limit is used
to discharge output capacitors after an output OVP event. See Overvoltage and Undervoltage for details.
7.3.12 Overvoltage and Undervoltage Protection
The device monitors a resistor-divided feedback voltage to detect overvoltage and undervoltage events. The
OVP function enables when the output is enabled. The UVP function enables after the soft-start period is
complete.
After soft-start is complete, if the FB voltage becomes lower than 80% of the VREF voltage, the UVP comparator
trips and an internal UVP delay counter begins counting. After the 70-µs UVP delay time, depending on the
part number, the device will either hiccup or latch off. The TPS54KB22 and TPS54KB23 enter hiccup mode and
re-start after a sleep time of 7× the soft-start period. The TPS54KB20 and TPS54KB21 latch off both high-side
and low-side MOSFETs drivers. The latch-off fault can be cleared with a reset of VIN or by toggling the EN pin.
When the output is enabled, the FB voltage must rise above the 92.5% PG low-to-high threshold to clear the
UVP comparator. If the FB voltage does not exceed the 92.5% threshold by the end of the soft-start period, the
device will respond to the undervoltage event.
During the UVP delay time, if the FB voltage becomes higher than the 92.5% PG low-to-high threshold, the
undervoltage event is cleared and the timer is reset to zero. When the output voltage falls below the 80% UVP
threshold again, the 70-μs timer re-starts.
When the FB voltage becomes higher than 116% of the VREF voltage, the OVP comparator trips and the circuit
latches the fault condition and drives the PG pin low. The high-side MOSFET turns off and the low-side MOSFET
turns on until reaching a negative current limit INOCL. Upon reaching the negative current limit, the low-side
MOSFET is turned off, and the high-side MOSFET is turned on again, for a proper on-time (determined by
VO/VIN/fSW). The device operates in this cycle until the output voltage is pulled down under the UVP threshold.
The device then responds to the undervoltage event as described above.
If there is an overvoltage condition prior to the output being enabled (such as a high pre-biased output), the
device responds to the overvoltage event as described above at the beginning of the soft-start period. The
device waits until the completion of the soft-start period for UVP to be enabled then, depending on the part
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com