Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments TPS54KB21 Datasheet HTML 11Page - Texas Instruments TPS54KB21 Datasheet HTML 12Page - Texas Instruments TPS54KB21 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
7 Detailed Description
7.1 Overview
The TPS54KB2x device is a high-efficiency, single-channel, small-sized, synchronous buck converter. The
device suits low output voltage point-of-load applications with 25 A or lower output current in server, storage,
and similar computing applications. The TPS54KB2x features proprietary D-CAP4 mode control combined with
adaptive on-time architecture. This combination builds modern low-duty-ratio and ultra-fast load-step-response
DC/DC converters in an ideal fashion. The output voltage set by the feedback voltage divider ranges from the
internal voltage reference to 5.5 V. The conversion input voltage ranges from 2.7 V to 16 V, and the VCC input
voltage ranges from 3.13 V to 5.3 V. The D-CAP4 modulator uses emulated current information to control the
modulation. The D-CAP4 modulator reduces loop gain variation with different output voltages providing better
transient response in higher output voltage applications. An advantage of this control scheme is that it does
not require a phase-compensation network outside which makes the device easy-to-use and also allows low
external component count. Another advantage of this control scheme is that it supports stable operation with
all low ESR output capacitors (such as ceramic capacitors and low ESR polymer capacitors). Lastly, adaptive
on-time control tracks the preset switching frequency over a wide range of input and output voltages while
increasing switching frequency as needed during load-step transients.
7.2 Functional Block Diagram
PGND
SW
VIN
BOOT
ILIM
EN
GOSNS
FB
SS
PG
LDO
XCON
BOOT
REG
Enable
VIN
Control Logic
Valley Current
Limit
VCC
+
EN Threshold
Ramp
PWM
PG Driver
UV
Threshold
+
Enable
ThermalOK
OT Threshold
+
VCC UVLO
VCCOK
+
VIN UVLO
VINOK
PG/
OVP/
UVP
OCP
EN
VIN
VCC
PG
MSEL
HS FET
Gate
Drive
LS FET
Gate
Drive
OV
Threshold
+
–
RSA
+
–
+
–
AGND
EA
+
–
Reference
generator
VCC
PWM
Trigger
+
-
+
-
VCC
TJ
Zero Cross
Detection/
Negative OC
ZCD/
NOC
Output
Discharge
Adaptive on-time
Mode
Skip-mode/
FCCM
One-
shot
EN_SS
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com