Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments TPS54KB21 Datasheet HTML 11Page - Texas Instruments TPS54KB21 Datasheet HTML 12Page - Texas Instruments TPS54KB21 Datasheet HTML 13Page - Texas Instruments TPS54KB21 Datasheet HTML 14Page - Texas Instruments TPS54KB21 Datasheet HTML 15Page - Texas Instruments TPS54KB21 Datasheet HTML 16Page - Texas Instruments TPS54KB21 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
leads to a high frequency L-C double pole which causes the overall loop gain to stay high until the L-C double
frequency. Given the zero from the internal ripple generation network is a relatively high frequency as well, the
loop with very small output capacitance can have too high of a crossover frequency which can cause instability.
The internal zero is selected by the resistor at the MSEL pin, as described earlier.
In general, where reasonable (or smaller) output capacitance is desired, output ripple requirement and load
transient requirement can be used to determine the necessary output capacitance for stable operation.
For the maximum output capacitance recommendation, select the inductor and capacitor values so that the L-C
double pole frequency is no less than 1/100th of the operating frequency. With this starting point, verify the small
signal response on the board using the following criteria: The phase margin at the loop crossover is greater than
50 degrees. The actual maximum output capacitance can go higher as long as phase margin is greater than 50
degrees. However, small signal measurement (Bode plot) should be done to confirm the design.
If MLCCs are used, consider the derating characteristics to determine the final output capacitance for the design.
For example, when using an MLCC with specifications of 10 µF, X5R and 6.3 V, the derating by DC bias and AC
bias are 80% and 50%, respectively. The effective derating is the product of these two factors, which in this case
is 40% and 4 µF. Consult with capacitor manufacturers for specific characteristics of the capacitors to be used in
the application.
For large output filters with an L-C double pole near 1/100th of the operating frequency, additional phase
boost might be required. A feedforward capacitor placed in parallel with RFB_HS can boost the phase. Refer to
the Optimizing Transient Response of Internally Compensated dc-dc Converters With Feedforward Capacitor
application report for details.
Besides boosting the phase, a feedforward capacitor feeds more VOUT node information into the FB node
through AC coupling. This feedforward during load transient event enables faster response of the control loop
to a VOUT deviation. However, this feedforward during steady state operation also feeds more VOUT ripple and
noise into FB. High ripple and noise on FB usually leads to more jitter, or even double-pulse behavior. To
determine the final feedforward capacitor value impacts to phase margin, load transient performance, ripple,
and noise on FB must all be considered. TI recommends using frequency analysis equipment to measure the
crossover frequency and the phase margin.
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com