Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments TPS54KB21 Datasheet HTML 11Page - Texas Instruments TPS54KB21 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
6.6 Typical Characteristics
VIN = 12 V
VVCC = 3-V Internal
IOUT = 20 A
LOUT = 800 nH
fSW = 800 kHz
Figure 6-1. Thermal Image – 5-V output,
TPS54KB20EVM, 6 layers
VIN = 12 V
VVCC = 3-V Internal
IOUT = 25 A
LOUT = 470 nH
fSW = 800 kHz
Figure 6-2. Thermal Image – 3.3-V output,
TPS54KB20EVM, 6 layers
VIN = 12 V
VVCC = 3-V Internal
IOUT = 20 A
LOUT = 800 nH
fSW = 800 kHz
Figure 6-3. Thermal Image – 5-V output, 3-inch ×
3-inch, 4 layers
VIN = 12 V
VVCC = 3-V Internal
IOUT = 20 A
LOUT = 470 nH
fSW = 800 kHz
Figure 6-4. Thermal Image – 3.3-V output, 3-inch ×
3-inch, 4 layers
VIN = 12 V
VVCC = 3-V Internal
IOUT = 25 A
LOUT = 150 nH
fSW = 1100 kHz
Figure 6-5. Thermal Image – 1-V output, TPS54KB20EVM, 6 layers
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com