Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54KB21 Datasheet HTML 1Page - Texas Instruments TPS54KB21 Datasheet HTML 2Page - Texas Instruments TPS54KB21 Datasheet HTML 3Page - Texas Instruments TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense,
D-CAP4 Synchronous Buck Converter
1 Features
• 4-V to 16-V input voltage range
• 3.13-V to 5.3-V external VCC bias support
• 5.8-mΩ and 2.3-mΩ MOSFETs (VVCC = 3.3 V)
• 25-A continuous output current
• Optimized 16-pin VQFN-HR package for efficiency
and thermal performance
• ±0.5% reference (VREF) for TJ = –40°C to +125°C
• VREF to 5.5-V output voltage range
• Differential remote sense
• D-CAP4 with ultra fast load-step response
• Supports all ceramic output capacitors
• Selectable Auto-skip Eco-mode for high light-load
efficiency
• Programmable current limit with RILIM
• Selectable switching frequency:
800 kHz, 1.1 MHz, 1.4 MHz
• Programmable soft-start time
• Prebiased start-up capability
• Open-drain power-good output
• Valley overcurrent limit protection
• Overvoltage and undervoltage fault protection
2 Applications
• Rack server and blade server
• Hardware accelerator and add-in cards
• Data center switches
• Industrial PC
• Baseband unit (BBU)
3 Description
The TPS54KB2x device is a small, high-efficiency,
synchronous buck converter with an adaptive on-
time D-CAP4 control mode. The control method
provides low minimum on-time and fast load-transient
response across the entire output voltage range
without requiring an external compensation network.
Because external compensation is not required, the
device is easy to use and requires few external
components. The device is well-designed for space-
constrained data center applications.
The TPS54KB2x device has differential remote sense,
high-performance integrated MOSFETs, and an
accurate ±0.5% reference over the specified operating
junction temperature range. The device features
accurate load regulation and line regulation, Eco-
mode or FCCM operation, programmable settings
through the MSEL pin and programmable soft-start.
The TPS54KB2x device is a lead-free device. The
device is RoHS compliant without exemption.
Device Information
PART
NUMBER(1)
VREF (V)
FAULT
RESPONSE
BODY SIZE
(NOM)
TPS54KB20
0.9
Latch-off
3.00 mm × 3.50
mm
TPS54KB21(2)
0.5
Latch-off
TPS54KB22(2)
0.9
Hiccup
TPS54KB23(2)
0.5
Hiccup
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Product preview.
V
OUT
V
IN
ILIM
AGND
PG
FB
BOOT
SW
GOSNS
EN
VIN
PGND
MSEL
VCC
SS
V
OSNS+
V
OSNS-
EN
PG
Net-tie
Simplified Schematic
Output Current (A)
0
2
4
6
8
10
12
14
16
18
20
22
2425
80
82
84
86
88
90
92
94
96
98
100
VOUT = 1.05 V, fSW = 1100 kHz, DCR = 0.15 m
VOUT = 3.3 V, fSW = 800 kHz, DCR = 1.35 m
VOUT = 5 V, fSW = 800 kHz, DCR = 2.1 m
Typical Application Efficiency (VIN = 12 V, Internal
VCC, Skip-Mode)
TPS54KB20
SLVSGP3 – MAY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TPS54KB21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54KB21 TI1-TPS54KB21 Datasheet
2Mb / 51P
TPS54KB2x 4V to 16V Input, 25A, Remote Sense, D-CAP4 Synchronous Buck Converter
FEBRUARY 2024
TPS54KB21RZRR TI1-TPS54KB21RZRR Datasheet
2Mb / 51P
TPS54KB2x 4V to 16V Input, 25A, Remote Sense, D-CAP4 Synchronous Buck Converter
FEBRUARY 2024
More results

Similar Description - TPS54KB21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A28 TI1-TPS548A28 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A29 TI1-TPS548A29 Datasheet
2Mb / 46P
TPS548A29 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A28 TI1-TPS548A28_V01 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS54JA20 TI1-TPS54JA20 Datasheet
2Mb / 42P
TPS54JA20 2.7-V to 16-V Input, 12-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Latch-off Current Limit
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
TPS548B28 TI-TPS548B28 Datasheet
3Mb / 49P
TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
TPS548B27 TI-TPS548B27 Datasheet
3Mb / 46P
TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com