Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 11Page - Texas Instruments TPS54KB21 Datasheet HTML 12Page - Texas Instruments TPS54KB21 Datasheet HTML 13Page - Texas Instruments TPS54KB21 Datasheet HTML 14Page - Texas Instruments TPS54KB21 Datasheet HTML 15Page - Texas Instruments TPS54KB21 Datasheet HTML 16Page - Texas Instruments TPS54KB21 Datasheet HTML 17Page - Texas Instruments TPS54KB21 Datasheet HTML 18Page - Texas Instruments TPS54KB21 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
7.3.9 Low-side MOSFET Zero-Crossing
The device uses a zero-crossing (ZC) circuit to perform the zero inductor current detection during skip-mode
operation. The ZC threshold is set to a small negative value before the low-side MOSFET is turned off, entering
discontinuous conduction mode (DCM) operation. After entering DCM, the ZC threshold hysteresis increases the
threshold to a small positive value after entering DCM. As a result, the device delivers better light-load efficiency.
When the load current increases enough such that the device exits DCM, the ZC circuit must detect 16
consecutive cycles of negative inductor current below the ZC threshold before returning to DCM. Only one
cycle without ZC detection is required to exit DCM.
When the output is enabled, the ZC circuit is also enabled during the first 32 switching cycles while the device
is in soft-start. If the MSEL resistor value is for FCCM, ZC is disabled and the device transitions to FCCM when
soft-start is complete. See Adjustable Soft Start for description on soft-start completion. If there are not at least
32 switching cycles before soft-start is done, such as during start up with a high output pre-bias, the ZC is not
disabled until the first high-side MOSFET on-time after soft-start done is complete.
7.3.10 Current Sense and Positive Overcurrent Protection
For a buck converter, during the on-time of the high-side MOSFET, the switch current increases at a linear
rate determined by the input voltage, output voltage, on-time, and output inductor value. During the on-time of
the low-side MOSFET, the current decreases linearly. The average value of the switch current equals the load
current.
The output overcurrent limit (OCL) in the device is implemented using a cycle-by-cycle valley current detect
control circuit. The inductor current is monitored during the on-time of the low-side MOSFET by measuring the
low-side MOSFET drain-to-source current. If the measured drain-to-source current of the low-side MOSFET is
above the current limit threshold, the low-side MOSFET stays ON until the current level becomes lower than the
current limit threshold. This type of behavior reduces the average output current sourced by the device.
During an overcurrent condition, the current to the load exceeds the current to the output capacitors. Thus, the
output voltage tends to decrease. Eventually, when the output voltage falls below the undervoltage-protection
threshold (80%), the UVP comparator detects it and shuts down the device after a wait time of 70 µs. Depending
on the part number, the device will either hiccup or latch off, as described in Overvoltage and Undervoltage
Protection.
If an OCL condition happens during start-up, the device still has cycle-by-cycle current limit based on low-side
valley current. After soft start is finished, the UV event which is caused by the OCL event shuts down the device
after a wait time of 70 µs. Depending on the part number, the device either hiccups or latches off, as described in
Overvoltage and Undervoltage Protection.
The resistor, RILIM connected from the ILIM pin to AGND sets current limit threshold. TI recommends a
±1% tolerance resistor because a worse tolerance resistor provides less accurate OCL threshold. Equation
4 calculates the RILIM for a given overcurrent limit threshold on the device. Equation 5 calculates the overcurrent
limit threshold for a given RILIM value.
To protect the device from an unexpected connection to the ILIM pin, an internal fixed OCL clamp is
implemented. This internal OCL clamp limits the maximum valley current on the low-side MOSFET when the
ILIM pin has too small of a resistance to AGND, or is accidentally shorted to ground.
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com