Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 13Page - Texas Instruments TPS54KB21 Datasheet HTML 14Page - Texas Instruments TPS54KB21 Datasheet HTML 15Page - Texas Instruments TPS54KB21 Datasheet HTML 16Page - Texas Instruments TPS54KB21 Datasheet HTML 17Page - Texas Instruments TPS54KB21 Datasheet HTML 18Page - Texas Instruments TPS54KB21 Datasheet HTML 19Page - Texas Instruments TPS54KB21 Datasheet HTML 20Page - Texas Instruments TPS54KB21 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
number, the device either hiccups or latches off in response to the undervoltage event caused by the OVP
response. The TPS54KB22 and TPS54KB23 enter hiccup, while the TPS54KB20 and TPS54KB21 latch off.
7.3.13 Output Voltage Discharge
When the device is disabled through EN, the device enables the output voltage discharge mode. This mode
forces both high-side and low-side MOSFETs to latch off, but turns on the internal discharge MOSFET, which
is connected from SW to PGND, to discharge the output voltage. After the FB voltage drops below 50 mV, the
discharge MOSFET is turned off.
While the VCC voltage is sufficient to turn on the discharge switch, the output voltage discharge mode is
activated by any of the following fault events:
1. EN pin goes low to disable the converter.
2. VIN UVLO (falling) is triggered with VCC above its UVLO.
3. VCC UVLO (falling) is triggered with VIN above its UVLO. This event is notably different from the others
because the internal VCC LDO is enabled until FB falls to the same 50-mV threshold for the discharge
MOSFET. As a result, this scenario is only expected if an external circuit is overloading the internal VCC
LDO. Additionally an external circuit overloading the internal VCC LDO can cause the VCC voltage to be
insufficient to turn on the discharge switch, causing the discharge switch to turn off before the output voltage
has discharged FB to the 50-mV threshold.
7.3.14 UVLO Protection
The device monitors the voltage on both the VIN and the VCC pins. If the VCC pin voltage is lower than the
VCCUVLO falling threshold voltage, the device shuts off. If the VCC voltage increases beyond the VCCUVLO rising
threshold voltage, the device turns back on. VCC UVLO is a non-latch protection.
When the VIN pin voltage is lower than the VINUVLO falling threshold voltage but the VCC pin voltage is still
higher than VCCUVLO rising threshold voltage, the device stops switching and discharges the SS pin. After the
VIN voltage increases beyond the VINUVLO rising threshold voltage, the device re-initiates the soft start and
switches again. VIN UVLO is a non-latch protection.
7.3.15 Thermal Shutdown
The device monitors internal junction temperature. If the temperature exceeds the threshold value (typically
165°C), the device stops switching and discharges the SS pin. When the temperature falls approximately 15°C
below the threshold value, the device turns back on with a re-initiated soft start. Thermal shutdown is a non-latch
protection.
7.4 Device Functional Modes
7.4.1 Auto-Skip Eco-mode Light Load Operation
If the MSEL resistor value used selects Skip-mode, the device automatically reduces the switching frequency at
light-load conditions to maintain high efficiency. Multifunction Select (MSEL) Pin describes the selection in detail.
As the output current decreases from heavy load condition, the inductor current also decreases until the valley
of the inductor ripple current touches the zero-crossing threshold (Low-side MOSFET Zero-Crossing). The
zero-crossing threshold sets the boundary between the continuous-conduction and discontinuous-conduction
modes. The synchronous MOSFET turns off when this zero-crossing threshold is detected. As the load current
decreases further, the converter runs into discontinuous-conduction mode (DCM). The on-time is maintained to
a level approximately the same as during continuous-conduction mode operation so that discharging the output
capacitor with a smaller load current to the level of the reference voltage requires more time. The transition point
to light-load operation IOUT(LL) (for example: the boundary between continuous- and discontinuous-conduction
mode) is calculated as shown in Equation 5.
For low output ripple, TI recommends using only ceramic output capacitors for designs that operate in skip-
mode.
IOUTLL =12× VIN−VO×VO
VIN × 1L×fSW
(6)
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com