Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54KB21 Datasheet HTML 1Page - Texas Instruments TPS54KB21 Datasheet HTML 2Page - Texas Instruments TPS54KB21 Datasheet HTML 3Page - Texas Instruments TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Pin voltage
VIN
–0.3
18
V
Pin voltage
SW - PGND, DC
–0.3
18
V
Pin voltage
SW - PGND, transient < 10 ns
–3
20
V
Pin voltage
VIN – SW, DC
–0.3
18
V
Pin voltage
VIN – SW, transient < 10 ns
–3
25
V
Pin voltage
BOOT - PGND
–0.3
23.5
V
Pin voltage
BOOT – SW
–0.3
5.5
V
Pin voltage
EN, ILIM
–0.3
7
V
Pin voltage
FB, PG, SS, MSEL
–0.3
6
V
Pin voltage
GOSNS, PGND
–0.3
0.3
V
Pin voltage
VCC
–0.3
6
V
Sink current
PG
15
mA
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001 (1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC
JS-002 ((2))
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range
VIN
4
16
V
Pin voltage
SW - PGND, DC
–0.1
16
V
Pin voltage
SW - PGND, transient < 10 ns
–3
20
V
Pin voltage
BOOT – SW
–0.1
4.5
V
Pin voltage
SS, MSEL, ILIM
–0.1
5
V
Pin voltage
FB
–0.1
5.5
V
Pin voltage
PGND, GOSNS
–0.1
0.1
V
Pin voltage
EN, PG
–0.1
5.5
V
Pin voltage
VCC
–0.1
5.3
V
IPG
Power Good current capability
10
mA
CSS
Capacitance range
SS
10
1000
nF
ILPEAK
Maximum peak inductor current
45
A
TJ
Operating junction temperature
–40
125
°C
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com